Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47346-0001 Datasheet (PDF) - Molex Electronics Ltd.

47346-0001 Datasheet PDF - Molex Electronics Ltd.
Part # 47346-0001
Download  47346-0001 Download
File Size   115.22 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-USB

47346-0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
47346-0001 Datasheet PDF - Molex Electronics Ltd.

Part # 47346-0001
Download  47346-0001 Click to download

File Size   115.22 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-USB

47346-0001 Datasheet (HTML) - Molex Electronics Ltd.


47346-0001 Product details

New Micro-USB interconnect solutions set standard for sleeker mobile devices

USB Implementers Forum, Inc. (USB-IF) has finalized the specification of the Micro-USB technology in early January 2007. The development of this new connector technology has given the opportunity for portable device and mobile phone makers to further reduce their real estate in their applications. The Micro-USB will replace most of the Mini-USB plugs and receptacles that are currently being used. The specification of the Micro-USB supports the current USB On-The-Go (OTG) supplement. This allows communication between portable devices without going through a host. Being much smaller than the Mini-USB, the Micro-USB is the choice of interconnect solution of mobile phone makers such as Nokia and Motorola for their new phone designs.

Features and Benefits
• Wider side solder tabs provide improved solder retention
• Stainless steel shell (0.3mm thick) provides high mating durability & strength
• Lead-in features provide blind mate
• Fold-down tabs provide high housing retention
• Latching windows with angular tabs prevent accidental unmating of plug
• Beveled profile ‘B’ style to lock out ‘A’-type plug
• Unique laser-welded shield design strengthen wrenching strength during use
• Pick & place area (3mm diameter) enhances assembly process
• Rear shield for EMI protection (for standard mount)




Similar Part No. - 47346-0001

ManufacturerPart #DatasheetDescription
logo
MolexKits
47346-0001 MOLEXKITS-47346-0001 Datasheet
80Kb / 6P
Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
47346-0001 MOLEX6-47346-0001 Datasheet
114Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
logo
MolexKits
47346-0001 MOLEXKITS-47346-0001 Datasheet
80Kb / 6P
Deluxe Audio Video Data Application Kit
logo
Texas Instruments
47346-0001 TI-47346-0001 Datasheet
3Mb / 16P
evaluation of the features of the TAS5548 PWM digital audio processor.
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
126Kb / 2P
0.65mm (.0256”) Pitch Micro-USB Interconnect Solution
2009
More results


Similar Description - 47346-0001

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MCR-B-S-RA-SMT-TR ADAM-TECH-MCR-B-S-RA-SMT-TR Datasheet
100Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-INV-TR ADAM-TECH-MCR-B-S-RA-TSMT-INV-TR Datasheet
94Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-P-TR ADAM-TECH-MCR-B-S-RA-TSMT-P-TR Datasheet
124Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-TR ADAM-TECH-MCR-B-S-RA-TSMT-TR Datasheet
95Kb / 1P
MICRO USB TYPE B
MCR-B-S-V-SMT ADAM-TECH-MCR-B-S-V-SMT Datasheet
89Kb / 1P
MICRO USB TYPE B
logo
List of Unclassifed Man...
80140043 ETC2-80140043 Datasheet
419Kb / 2P
Micro-USB connector
logo
TE Connectivity Ltd
408-78009 TEC-408-78009 Datasheet
379Kb / 6P
MICRO USB CONNECTOR
logo
Maxim Integrated Produc...
MAX22192 MAXIM-MAX22192 Datasheet
4Mb / 29P
Micro-USB Cable
Rev 1; 3/19
logo
Coolgear Inc.
51220179 COOLGEAR-51220179 Datasheet
672Kb / 1P
MICRO USB 3.0 CABLE
Rev B
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
Micro USB 2.0 Connectors
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com