Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBS822 Datasheet (PDF) - Sanyo Semicon Device

SBS822 Datasheet PDF - Sanyo Semicon Device
Part # SBS822
Download  SBS822 Download
File Size   253.8 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V, 1A Rectifi er

SBS822 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBS822 Datasheet PDF - Sanyo Semicon Device

Part # SBS822
Download  SBS822 Click to download

File Size   253.8 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V, 1A Rectifi er

SBS822 Datasheet (HTML) - Sanyo Semicon Device


SBS822 Product details

20V, 1A Rectifier

Features
• Low forward voltage (IF=0.5A, VF max=0.39V) (IF=1A, VF max=0.46V).
• Composite type with 2 low VF SBDs in one package, facilitating high-density mounting.
• Ultrasmall-size package permitting applied sets to be small and slim (Mounting height 0.85mm).
• Halogen free compliance.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBS822

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBS822 ONSEMI-SBS822 Datasheet
202Kb / 4P
Schottky Barrier Diode
July, 2013
SBS822-TL-H ONSEMI-SBS822-TL-H Datasheet
202Kb / 4P
Schottky Barrier Diode
July, 2013
SBS822-TL-W ONSEMI-SBS822-TL-W Datasheet
202Kb / 4P
Schottky Barrier Diode
July, 2013
More results


Similar Description - SBS822

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-06JS SANYO-SBT80-06JS Datasheet
248Kb / 3P
60V, 8A Rectifi er
SBT250-10JS SANYO-SBT250-10JS Datasheet
250Kb / 3P
100V, 25A Rectifi er
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
logo
Sanyo Semicon Device
SBE818 SANYO-SBE818 Datasheet
261Kb / 4P
30V, 2.0A Rectifi er
SBT80-06GS SANYO-SBT80-06GS Datasheet
237Kb / 3P
60V, 8A Rectifi er
SBT80-10GS SANYO-SBT80-10GS Datasheet
238Kb / 3P
100V, 8A Rectifi er
SB10015M SANYO-SB10015M_12 Datasheet
475Kb / 6P
15V, 1.0A Rectifi er
logo
IXYS Corporation
DS75 IXYS-DS75 Datasheet
75Kb / 2P
Rectifi er Diode Avalanche Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com