Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE1617A Datasheet (PDF) - NXP Semiconductors

NE1617A Datasheet PDF - NXP Semiconductors
Part # NE1617A
Download  NE1617A Download
File Size   174.02 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Temperature monitor for microprocessor systems

NE1617A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE1617A Datasheet PDF - NXP Semiconductors

Part # NE1617A
Download  NE1617A Click to download

File Size   174.02 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Temperature monitor for microprocessor systems

NE1617A Datasheet (HTML) - NXP Semiconductors


NE1617A Product details

General description
The NE1617A is an accurate two-channel temperature monitor. It measures the temperature of itself and the temperature of a remote sensor. The remote sensor is a diode connected transistor. This can be in the form of either a discrete NPN/PNP, such as the 2N3904/2N3906, or a diode connected PNP built into another die, such as is done on some Intel microprocessors.
The temperature of both the remote and local sensors is stored in a register that can be read via a 2-wire SMBus. The temperatures are updated at a rate that is programmable via the SMBus (the average supply current is dependent upon the update rate — the faster the rate, the higher the current).
In addition to the normal operation, which is to update the temperature at the programmed rate, there is a one-shot mode that will force a temperature update.
There is also an alarm that senses either an overtemperature or undertemperature condition. The trip points for this alarm are also programmable.
The device can have one of nine addresses (determined by two address pins), so there can be up to nine of the NE1617A on the SMBus.
It can also be put in standby mode (in order to save power). This can be done either with software (over the SMBus) or with hardware (using the STBY pin).

Features and benefits
■ Replacement for Maxim MAX1617 and Analog Devices ADM1021
■ Monitors local and remote temperature
■ Local (on-chip) sensor accuracy:
 ♦ ±2 °C at 60 °C to 100 °C
 ♦ ±3 °C at -40 °C to 125 °C
■ Remote sensor accuracy:
 ♦ ±3 °C at 60 °C to 100 °C
 ♦ ±5 °C at -40 °C to 125 °C
■ No calibration required
■ Programmable overtemperature/undertemperature alarm
■ SMBus 2-wire serial interface up to 100 kHz
■ 3 V to 5.5 V supply range; 5.5 V tolerant
■ 70 μA supply current in operating mode
■ 3 μA (typical) supply current in standby mode
■ ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC standard JESD78, which exceeds 100 mA
■ Small 16-lead SSOP (QSOP) package

Applications
■ Desktop computers
■ Notebook computers
■ Smart battery packs
■ Industrial controllers
■ Telecommunications equipment




Similar Part No. - NE1617A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
Temperature monitor for microprocessor systems
2004 Oct 05
NE1617A NXP-NE1617A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
Temperature monitor for microprocessor systems
2004 Oct 05
More results


Similar Description - NE1617A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
Microprocessor Monitor
May, 2000 ??Rev. 0
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
Temperature monitor for microprocessor systems
1999 Mar 19
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
Evaluation Board for Microprocessor System Temperature Monitor
REV.B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10
logo
NXP Semiconductors
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
Temperature monitor for microprocessor systems
2002 Jan 04
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
Temperature monitor for microprocessor systems
2004 Oct 05
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
Microprocessor Monitor
10/28/13
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com