Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9989ET Datasheet (PDF) - NXP Semiconductors

TDA9989ET Datasheet PDF - NXP Semiconductors
Part # TDA9989ET
Download  TDA9989ET Download
File Size   238.7 Kbytes
Page   48 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support

TDA9989ET Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9989ET Datasheet PDF - NXP Semiconductors

Part # TDA9989ET
Download  TDA9989ET Click to download

File Size   238.7 Kbytes
Page   48 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support

TDA9989ET Datasheet (HTML) - NXP Semiconductors


TDA9989ET Product details

General description
The TDA9989 is a very low power and very small size High-Definition Multimedia Interface (HDMI) 1.3a transmitter. It is backward compatible DVI 1.0 and can be connected to any DVI 1.0 and HDMI sink.

Features
■ Compliance
    ◆ DVI 1.0
    ◆ HDMI 1.3a
    ◆ EIA/CEA-861B
    ◆ CEC (HDMI 1.3a)
    ◆ SimplayHD
■ Video
    ◆ xvYCC HDMI 1.3a feature
    ◆ Video formats with a pixel rate up to 150 MHz:
        RGB 4 : 4 : 4
        YCbCr 4 : 4 : 4
        YCbCr 4 : 2 : 2 semi planar
        YCbCr 4 : 2 : 2 ITU656
    ◆ Maximum resolution:
        1080p for TV
        1600 × 1200 at 60 Hz for PC (UXGA60)
        720p/1080i in ITU656
    ◆ Programmable color space converter: RGB to YCbCr YCbCr to RGB
    ◆ Programmable input formatter and upsampler/interpolator allows input of any of the 4 : 4 : 4, 4 : 2 : 2 semi-planar, 4 : 2 : 2 ITU656-like formats
    ◆ Horizontal synchronization, vertical synchronization and Data Enable (DE) inputs or VREF, HREF and FREF could be used for input data synchronization
    ◆ Pixel clock input can be made active on one or both edges (selectable by I2C-bus)
    ◆ Repetition of video samples as required by HDMI specification.
■ Audio:
    ◆ I2S-bus 2 channels and S/PDIF; audio data rate up to 192 kHz per input for both standards
■ System operation
    ◆ Master DDC-bus interface for EDID read
    ◆ Controllable via I2C-bus
    ◆ Downstream availability through the use of hot plug (HPD) and receiver detection (RxSense)
    ◆ Deals with multiple levels of receivers and repeaters
■ Package
    ◆ TFBGA64
    ◆ Size 4.5 × 4.5 × 0.8 mm
■ Power management
    ◆ External voltage supplies 1.8 V, 1.2 V (to support 1080p video format, the 1.2 V must be raised to 1.8 V)
    ◆ Low power (45 mW in 480p)
    ◆ Flexible power modes
■ Miscellaneous
    ◆ POR (Power-On Reset)
    ◆ Audio and video inputs LV-CMOS 1.8 V compatible and LV-CMOS 3.3 V tolerant
    ◆ 250 MHz to 1.65 GHz TMDS transmitter operation

Applications
■ Digital Video Camera (DVC),
■ Digital Still Camera (DSC),
■ Portable Multimedia Player (PMP)
■ Mobile Phone
■ Ultra Mobile Personal Computer (UM PC)




Similar Part No. - TDA9989ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL NXP-TDA9981BHL Datasheet
193Kb / 41P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/15/C1XX NXP-TDA9981BHL/15/C1XX Datasheet
193Kb / 41P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/8/C1XX NXP-TDA9981BHL/8/C1XX Datasheet
193Kb / 41P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results


Similar Description - TDA9989ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
logo
NXP Semiconductors
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com