Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1042 Datasheet (PDF) - NXP Semiconductors

TJA1042 Datasheet PDF - NXP Semiconductors
Part # TJA1042
Download  TJA1042 Download
File Size   122.58 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed CAN transceiver with Standby mode

TJA1042 Datasheet (PDF)

Go To PDF Page Download Datasheet
TJA1042 Datasheet PDF - NXP Semiconductors

Part # TJA1042
Download  TJA1042 Click to download

File Size   122.58 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed CAN transceiver with Standby mode

TJA1042 Datasheet (HTML) - NXP Semiconductors


TJA1042 Product details

General description
The TJA1042 high-speed CAN transceiver provides an interface between a Controller Area Network (CAN) protocol controller and the physical two-wire CAN bus. The transceiver is designed for high-speed CAN applications in the automotive industry, providing the differential transmit and receive capability to (a microcontroller with) a CAN protocol controller.
The TJA1042 belongs to the third generation of high-speed CAN transceivers from NXP Semiconductors, offering significant improvements over first- and second-generation devices such as the TJA1040. It offers improved ElectroMagnetic Compatibility (EMC) and ElectroStatic Discharge (ESD) performance, and also features:

• Ideal passive behavior to the CAN bus when the supply voltage is off
• A very low-current Standby mode with bus wake-up capability
• TJA1042T/3 and TJA1042TK/3 can be interfaced directly to microcontrollers with
   supply voltages from 3 V to 5 V

The TJA1042 implements the CAN physical layer as defined in ISO 11898-2:2016 and SAE J2284-1 to SAE J2284-5. This implementation enables reliable communication in the CAN FD fast phase at data rates up to 5 Mbit/s.
These features make the TJA1042 an excellent choice for all types of HS-CAN networks, in nodes that require a low-power mode with wake-up capability via the CAN bus.

Features and benefits
General
■ ISO 11898-2:2016 and SAE J2284-1 to SAE J2284-5 compliant
■ Timing guaranteed for data rates up to 5 Mbit/s in the CAN FD fast phase
■ Suitable for 12 V and 24 V systems
■ Low ElectroMagnetic Emission (EME) and high ElectroMagnetic Immunity (EMI)
■ VIO input on TJA1042T/3 and TJA1042TK/3 allows for direct interfacing with 3 V to 5 V
   microcontrollers
■ SPLIT voltage output on TJA1042T for stabilizing the recessive bus level
■ Available in SO8 package and leadless HVSON8 package (3.0 mm  3.0 mm) with
   improved Automated Optical Inspection (AOI) capability
■ Dark green product (halogen free and Restriction of Hazardous Substances (RoHS)
   compliant)
■ AEC-Q100 qualified

Predictable and fail-safe behavior
■ Very low-current Standby mode with host and bus wake-up capability
■ Functional behavior predictable under all supply conditions
■ Transceiver disengages from the bus when not powered up (zero load)
■ Transmit Data (TXD) dominant time-out function
■ Bus-dominant time-out function in Standby mode
■ Undervoltage detection on pins VCC and VIO

Protections
■ High ESD handling capability on the bus pins (8 kV)
■ High voltage robustness on CAN pins (58 V)
■ Bus pins protected against transients in automotive environments
■ Thermally protected




Similar Part No. - TJA1042

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1042 NXP-TJA1042 Datasheet
1Mb / 121P
Application Hints - Standalone high speed CAN transceiver
Rev.01.40-27 April 2015
TJA1042 NXP-TJA1042 Datasheet
249Kb / 23P
High-speed CAN transceiver with Standby mode
Rev. 8 - 15 January 2015
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
TJA1042T NXP-TJA1042T Datasheet
249Kb / 23P
High-speed CAN transceiver with Standby mode
Rev. 8 - 15 January 2015
TJA1042T-3 PHILIPS-TJA1042T-3 Datasheet
149Kb / 22P
High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
More results


Similar Description - TJA1042

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
logo
ATMEL Corporation
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1048 NXP-TJA1048 Datasheet
271Kb / 27P
Dual high-speed CAN transceiver with Standby mode
Rev. 6-19 March 2018
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1044 NXP-TJA1044 Datasheet
237Kb / 27P
High-speed CAN transceiver with Standby mode
Rev. 6-24 August 2017
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
Dual high-speed CAN transceiver with Standby mode
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
TJA1448 NXP-TJA1448 Datasheet
390Kb / 38P
Dual high-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
logo
Microchip Technology
ATA6562 MICROCHIP-ATA6562 Datasheet
1Mb / 32P
High-Speed CAN Transceiver with Standby Mode
09/14/21
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com