Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE0208DA Datasheet (PDF) - Sanyo Semicon Device

RE0208DA Datasheet PDF - Sanyo Semicon Device
Part # RE0208DA
Download  RE0208DA Download
File Size   73.0 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Fast Recovery Diode for Flash Circuit 800V, 200mA Rectifier

RE0208DA Datasheet (PDF)

Go To PDF Page Download Datasheet
RE0208DA Datasheet PDF - Sanyo Semicon Device

Part # RE0208DA
Download  RE0208DA Click to download

File Size   73.0 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Fast Recovery Diode for Flash Circuit 800V, 200mA Rectifier

RE0208DA Datasheet (HTML) - Sanyo Semicon Device


RE0208DA Product details

800V, 200mA Rectifier

Features
• High voltage (VRRM=800V).
• Reverse recovery time is fast.
• Ultrasmall-size package permitting applied sets to be small and slim.

Applications
• Voltage rectification for flash circuit etc.




Similar Part No. - RE0208DA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
RE0208M SANYO-RE0208M Datasheet
199Kb / 3P
Fast Recovery Diode for Flash Circuit 800V, 200mA Rectifi er
More results


Similar Description - RE0208DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Fuji Electric
ERC20 FUJI-ERC20 Datasheet
81Kb / 3P
FAST RECOVERY DIODE( 200V to 800V / 5A )
ERC20M FUJI-ERC20M Datasheet
80Kb / 3P
FAST RECOVERY DIODE( 200V to 800V / 5A )
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
Sanyo Semicon Device
RE0208M SANYO-RE0208M Datasheet
199Kb / 3P
Fast Recovery Diode for Flash Circuit 800V, 200mA Rectifi er
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com