Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9S12DT128DGV2 Datasheet (PDF) - Freescale Semiconductor, Inc

9S12DT128DGV2 Datasheet PDF - Freescale Semiconductor, Inc
Part # 9S12DT128DGV2
Download  9S12DT128DGV2 Download
File Size   1805.01 Kbytes
Page   142 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 9S12DT128DGV2

9S12DT128DGV2 Datasheet (PDF)

Go To PDF Page Download Datasheet
9S12DT128DGV2 Datasheet PDF - Freescale Semiconductor, Inc

Part # 9S12DT128DGV2
Download  9S12DT128DGV2 Click to download

File Size   1805.01 Kbytes
Page   142 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 9S12DT128DGV2

9S12DT128DGV2 Datasheet (HTML) - Freescale Semiconductor, Inc


9S12DT128DGV2 Product details

Introduction
Overview
The MC9S12DT128 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit (HCS12 CPU), 128K bytes of Flash EEPROM, 8K bytes of RAM, 2K bytes of EEPROM, two asynchronous serial communications interfaces (SCI), two serial peripheral interfaces (SPI), an 8-channel IC/OC enhanced capture timer, two 8-channel, 10-bit analog-to-digital converters (ADC), an 8-channel pulse-width modulator (PWM), a digital Byte Data Link Controller (BDLC), 29 discrete digital I/O channels (Port A, Port B, Port K and Port E), 20 discrete digital I/O lines with interrupt and wakeup capability, three CAN 2.0 A, B software compatible modules (MSCAN12), a Byteflight module and an Inter-IC Bus. The MC9S12DT128 has full 16-bit data paths throughout. However, the external bus can operate in an 8-bit narrow mode so single 8-bit wide memory can be interfaced for lower cost systems. The inclusion of a PLL circuit allows power consumption and performance to be adjusted to suit operational requirements.

Features
• HCS12 Core
   – 16-bit HCS12 CPU
      i. Upward compatible with M68HC11 instruction set
      ii. Interrupt stacking and programmer’s model identical to M68HC11
      iii.20-bit ALU
      iv. Instruction queue
      v. Enhanced indexed addressing
   – MEBI (Multiplexed External Bus Interface)
   – MMC (Module Mapping Control)
   – INT (Interrupt control)
   – BKP (Breakpoints)
   – BDM (Background Debug Module)
• CRG (Clock and Reset Generator)
   – Choice of low current Colpitts oscillator or standard Pierce Oscillator
   – PLL
   – COP watchdog
   – real time interrupt
   – clock monitor
• 8-bit and 4-bit ports with interrupt functionality
   – Digital filtering
   – Programmable rising or falling edge trigger
• Memory
   – 128K Flash EEPROM
   – 2K byte EEPROM
   – 8K byte RAM
• Two 8-channel Analog-to-Digital Converters
   – 10-bit resolution
   – External conversion trigger capability
• Three 1M bit per second, CAN 2.0 A, B software compatible modules
   – Five receive and three transmit buffers
   – Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
   – Four separate interrupt channels for Rx, Tx, error and wake-up
   – Low-pass filter wake-up function
   – Loop-back for self test operation
• Enhanced Capture Timer
   – 16-bit main counter with 7-bit prescaler
   – 8 programmable input capture or output compare channels
   – Four 8-bit or two 16-bit pulse accumulators
• 8 PWM channels
   – Programmable period and duty cycle
   – 8-bit 8-channel or 16-bit 4-channel
   – Separate control for each pulse width and duty cycle
   – Center-aligned or left-aligned outputs
   – Programmable clock select logic with a wide range of frequencies
   – Fast emergency shutdown input
   – Usable as interrupt inputs
• Serial interfaces
   – Two asynchronous Serial Communications Interfaces (SCI)
   – Two Synchronous Serial Peripheral Interface (SPI)
   – Byteflight
• Byte Data Link Controller (BDLC)
• SAE J1850 Class B Data Communications Network Interface
   – Compatible and ISO Compatible for Low-Speed (<125 Kbps) Serial Data Communications in Automotive Applications
• Inter-IC Bus (IIC)
   – Compatible with I2C Bus standard
   – Multi-master operation
   – Software programmable for one of 256 different serial clock frequencies
• 112-Pin LQFP and 80-Pin QFP package options
   – I/O lines with 5V input and drive capability
   – 5V A/D converter inputs
   – Operation at 50MHz equivalent to 25MHz Bus Speed
   – Development support
   – Single-wire background debug™ mode
   – On-chip hardware breakpoints




Similar Part No. - 9S12DT128DGV2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
9S12DT128DGV2 MOTOROLA-9S12DT128DGV2 Datasheet
2Mb / 138P
MC9S12DT128 Device User Guide V02.09
9S12DT128DGV2D MOTOROLA-9S12DT128DGV2D Datasheet
2Mb / 138P
MC9S12DT128 Device User Guide V02.09
More results






About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com