Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3034E Datasheet (PDF) - Intersil Corporation

ISL3034E Datasheet PDF - Intersil Corporation
Part # ISL3034E
Download  ISL3034E Download
File Size   506.61 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators

ISL3034E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3034E Datasheet PDF - Intersil Corporation

Part # ISL3034E
Download  ISL3034E Click to download

File Size   506.61 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators

ISL3034E Datasheet (HTML) - Intersil Corporation


ISL3034E Product details

4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators

The ISL3034E, ISL3035E, ISL3036E 4- and 6-channel bi-directional, auto-direction sensing, level translators provide the required level shifting in multi-voltage systems at data transfer rates up to 100Mbps. The auto-direction sensing feature makes the ISL3034E, ISL3035E, ISL3036E ideally suited for memory-card level translation (or for generic four to six channel level translation) especially if bit-by-bit direction control is desired. The VCC and VL supply voltages set the logic levels on either side of the device.

Features
• Best-In-Class ESD Protection: ±15kV IEC61000-4-2 ESD Protection on ALL Input, Output, and I/O Lines
• 100Mbps Guaranteed Data Rate
• Four (ISL3036) or Six (ISL3034, ISL3035) Bi-directional Channels
• Auto-direction Sensing Eliminates Direction Control Logic Pins
• Enable Input (ISL3034E, ISL3036E) for Logic Control of Low Power SHDN Mode
• Clock Return Output (ISL3035E)
• Compatible with 4mA Input Drivers or Larger
• +1.35V ≤ VL ≤ +3.2V and +2.2V ≤ VCC ≤ +3.6V Supply Voltage Range
• Pb-Free (RoHS Compliant)
• 16Ld µTQFN (2.6mmx1.8mm), 16 Ld TQFN (3mmx3mm), and 14 Ld QFN (3.5mmx3.5mm) Packages

Applications
• Simplifies the Interface Between Two Logic ICs Operating at Different Supply Voltages
• SD Card and MiniSD Card Level Translation
• MMC (Multi Media Card) Level Translation
• Memory Stick Card Level Translation




Similar Part No. - ISL3034E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
207Kb / 2P
Best-in-Class ESD Protected Level Translators
ISL3034E INTERSIL-ISL3034E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
ISL3034EIRTZ RENESAS-ISL3034EIRTZ Datasheet
893Kb / 16P
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
ISL3034EIRTZ-T RENESAS-ISL3034EIRTZ-T Datasheet
893Kb / 16P
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
More results


Similar Description - ISL3034E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310 Datasheet
62Kb / 7P
High-speed serial logic translators
2001 Jun 19
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
High-speed serial logic translators
2004 Feb 24
logo
Maxim Integrated Produc...
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
6-Channel High-Speed Logic-Level Translators
2021
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com