Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1828ER Datasheet (PDF) - Sony Corporation

CXB1828ER Datasheet PDF - Sony Corporation
Part # CXB1828ER
Download  CXB1828ER Download
File Size   258.82 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2.5Gbps Laser Diode Driver

CXB1828ER Datasheet (PDF)

Go To PDF Page Download Datasheet
CXB1828ER Datasheet PDF - Sony Corporation

Part # CXB1828ER
Download  CXB1828ER Click to download

File Size   258.82 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2.5Gbps Laser Diode Driver

CXB1828ER Datasheet (HTML) - Sony Corporation


CXB1828ER Product details

Description
The CXB1828ER is a high-speed monolithic laser diode driver. This IC can drive the data rate of 2.5Gbps and the modulation current of up to 50mA. The bias current of up to 50mA can be supplied and it is controlled by the built-in APC (automatic power control). The modulation current and bias current are designed to be linearly controlled by the voltage input to the control pin.
This IC has a built-in DFF, and through mode or DFF mode can be selected. In through mode the signal goes as it is, and in DFF mode the input signal is retimed by the external clock. The data input pin and the clock input pin can accept the differential input of PECL and CML, and the 50Ω termination resistors are provided in the IC.

Features
• Direct laser diode drive
• Maximum data rate of 2.5Gbps
• Power-on reset function
• Automatic power control (APC) for bias current
• Alarm function and shutdown function
• Differential PECL and CML inputs or AC coupled input
• Internal duty cycle correction circuit
• Activity error detector function for laser safety
• Typical rise time is 80ps.
• Built-in 50Ω input termination resistor
• Compact package size: 4.8mm × 4.8mm
• Single +3.3V supply voltage

Applications
• Gigabit ethernet: 1.25Gbps
• SONET/SDH: 622Mbps, 2.5Gbps




Similar Part No. - CXB1828ER

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
2.5Gbps Laser Diode Driver
More results


Similar Description - CXB1828ER

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
logo
Mitsubishi Electric Sem...
ML7XX34 MITSUBISHI-ML7XX34 Datasheet
212Kb / 2P
2.5Gbps InGaAsP DFB LASER DIODE
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com