Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42540A Datasheet (PDF) - Extech Instruments Corporation.

42540A Datasheet PDF - Extech Instruments Corporation.
Part # 42540A
Download  42540A Download
File Size   332.17 Kbytes
Page   8 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description High Temperature InfraRed Thermometer with Laser Pointer

42540A Datasheet (PDF)

Go To PDF Page Download Datasheet
42540A Datasheet PDF - Extech Instruments Corporation.

Part # 42540A
Download  42540A Click to download

File Size   332.17 Kbytes
Page   8 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description High Temperature InfraRed Thermometer with Laser Pointer

42540A Datasheet (HTML) - Extech Instruments Corporation.




Similar Part No. - 42540A

ManufacturerPart #DatasheetDescription
logo
Heyco.
4254 HEYCO-4254 Datasheet
93Kb / 1P
Drive Fasteners
logo
Adafruit Industries
4254 ADAFRUIT-4254 Datasheet
712Kb / 2P
Adafruit Quad Side-By-Side FeatherWing Kit with Headers
logo
Extech Instruments Corp...
42542 EXTECH-42542 Datasheet
821Kb / 1P
High Temperature IR Thermometer
42545A EXTECH-42545A Datasheet
161Kb / 8P
High Temperature InfraRed Thermometer with Laser Pointer
More results


Similar Description - 42540A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42510 EXTECH-42510 Datasheet
161Kb / 4P
Wide Range Mini InfraRed Thermometer with Laser Pointer
42510A EXTECH-42510A Datasheet
210Kb / 10P
Wide Range Mini InfraRed Thermometer with Laser Pointer
42515 EXTECH-42515 Datasheet
181Kb / 10P
Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
42529 EXTECH-42529 Datasheet
109Kb / 4P
InfraRed Thermometer with Laser Pointer
42530 EXTECH-42530 Datasheet
138Kb / 4P
High Temperature InfraRed Thermometer with Laser Pointer
42545A EXTECH-42545A Datasheet
161Kb / 8P
High Temperature InfraRed Thermometer with Laser Pointer
42560 EXTECH-42560 Datasheet
253Kb / 12P
InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
logo
Roithner LaserTechnik G...
PIL-808 ROITHNER-PIL-808 Datasheet
101Kb / 2P
Infrared Diode Laser Pointer
SHP980-25 ROITHNER-SHP980-25 Datasheet
371Kb / 3P
Infrared Laser Pointer
SHP980-25F ROITHNER-SHP980-25F Datasheet
381Kb / 3P
Infrared Laser Pointer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com