Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380976 Datasheet (PDF) - Extech Instruments Corporation.

380976 Datasheet PDF - Extech Instruments Corporation.
Part # 380976
Download  380976 Download
File Size   260.6 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description 1000A AC Power Clamp Meter

380976 Datasheet (PDF)

Go To PDF Page Download Datasheet
380976 Datasheet PDF - Extech Instruments Corporation.

Part # 380976
Download  380976 Click to download

File Size   260.6 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description 1000A AC Power Clamp Meter

380976 Datasheet (HTML) - Extech Instruments Corporation.




Similar Part No. - 380976

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380976-K EXTECH-380976-K Datasheet
277Kb / 1P
Large dual LCD display (9999 count)
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
More results


Similar Description - 380976

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382068 EXTECH-382068 Datasheet
251Kb / 1P
1000A AC/DC Clamp-on Power Datalogger Kit
AM600 EXTECH-AM600 Datasheet
600Kb / 8P
600A AC Analog Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX840 EXTECH-EX840 Datasheet
374Kb / 1P
CAT IV 1000A Clamp Meter IR Thermometer
EX845 EXTECH-EX845 Datasheet
499Kb / 1P
CAT IV 1000A Clamp Meter IR Thermometer
EX850 EXTECH-EX850 Datasheet
256Kb / 2P
TRMS 1000A AC/DC Clamp Meter for Android
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
PQ2071 EXTECH-PQ2071_15 Datasheet
636Kb / 1P
1000A TRMS AC Power Clamp Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com