Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T15M64A Datasheet (PDF) - Taiwan Memory Technology

T15M64A Datasheet PDF - Taiwan Memory Technology
Part # T15M64A
Download  T15M64A Download
File Size   87.14 Kbytes
Page   13 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 8K X 8 LOW POWER CMOS STATIC RAM?

T15M64A Datasheet (PDF)

Go To PDF Page Download Datasheet
T15M64A Datasheet PDF - Taiwan Memory Technology

Part # T15M64A
Download  T15M64A Click to download

File Size   87.14 Kbytes
Page   13 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 8K X 8 LOW POWER CMOS STATIC RAM?

T15M64A Datasheet (HTML) - Taiwan Memory Technology


T15M64A Product details

GENERAL DESCRIPTION
The T15M64A is a low power CMOS static RAM. organized as 8,192 x 8 bits that operates on a single 5-volt power supply. Low operating and standby current . Data retention is guaranteed at a power supply voltage as low as 1.5V. This device is packaged in a standard 28-pin DIP(600mil), SOJ, SOP, TSOP-I type.

FEATURES
• High speed access time: 50/70/85/100ns
• Low power supply current :
   - Operating : 35mA(max)
   - Standby : 50uA
• Power supply : 5V (± 10%)
• Fully static operation – No clock or refreshing required
• All inputs and outputs directly LVTTL compatible
• Common I/O capability
• Data retention voltage : 1.5V (min)
• Available packages : 28-pin DIP(600mil),SOJ, SOP, TSOP-I (8x13.4mm).
• Operating temperature : 0 ~ +70 °C




Similar Part No. - T15M64A

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
T15M1 EDAL-T15M1 Datasheet
83Kb / 1P
T10A1
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A Datasheet
87Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100N TMT-T15M1024A-100N Datasheet
85Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100N TMT-T15M1024A-100N Datasheet
87Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
More results


Similar Description - T15M64A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
LOW POWER 8K x 8 STATIC CMOS RAM
logo
Intersil Corporation
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
8K x 8 Asynchronous CMOS Static RAM
May 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com