Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T224162B Datasheet (PDF) - Taiwan Memory Technology

T224162B Datasheet PDF - Taiwan Memory Technology
Part # T224162B
Download  T224162B Download
File Size   143.88 Kbytes
Page   9 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 256K x 16 DYNAMIC RAM EDO PAGE MODE

T224162B Datasheet (PDF)

Go To PDF Page Download Datasheet
T224162B Datasheet PDF - Taiwan Memory Technology

Part # T224162B
Download  T224162B Click to download

File Size   143.88 Kbytes
Page   9 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 256K x 16 DYNAMIC RAM EDO PAGE MODE

T224162B Datasheet (HTML) - Taiwan Memory Technology


T224162B Product details

GENERAL DESCRIPTION

The T224162B is a randomly accessed solid state memory containing 4,194,304 bits organized in a x16

configuration. The T224162B has both BYTE WRITE and WORD WRITE access cycles via two CAS pins. It offers Fast Page mode with Extended Data Output.



FEATURES

·     Industry - standard x 16 pinouts and timing functions.

·     Single 5V (±10 %) power supply.

·     All device pins are TTL -compatible.

·     512-cycle refresh in 8ms.

·     Refresh modes:  RAS only ,  CAS BEFORE RAS (CBR) and HIDDEN.

·     Extended data - out (EDO) PAGE MODE access cycle.

·     BYTE WRITE and BYTE READ access cycles.




Similar Part No. - T224162B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-30 TMT-T224160B-30 Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-35 TMT-T224160B-35 Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-45 TMT-T224160B-45 Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-60 TMT-T224160B-60 Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
More results


Similar Description - T224162B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
1024K x 16 DYNAMIC RAM EDO PAGE MODE?
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com