Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSP1045 Datasheet (PDF) - PREMO CORPORATION S.L

PSP1045 Datasheet PDF - PREMO CORPORATION S.L
Part # PSP1045
Download  PSP1045 Download
File Size   277.87 Kbytes
Page   6 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description SMD Power Inductors Shielded

PSP1045 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSP1045 Datasheet PDF - PREMO CORPORATION S.L

Part # PSP1045
Download  PSP1045 Click to download

File Size   277.87 Kbytes
Page   6 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description SMD Power Inductors Shielded

PSP1045 Datasheet (HTML) - PREMO CORPORATION S.L


PSP1045 Product details

Materials
a.- Core : Ferrite ER Core
b.- Base : UL 94V – 0
c.- Wire : Ultra – fine rectangular enamelled copper wire
d.- Clip : Cu / Ni / Sn
e.- Adhesive : Epoxy resin
f.- Remark : Lead content 200ppm max. include ferrite

General Specification
a.- Storage temp. : -55ºC ~ +135ºC
b.- Operating temp. : -55ºC ~ +135ºC (Temp. rise included)
c.- Resistance to solder heat : 260ºC. 10 secs




Similar Part No. - PSP1045

ManufacturerPart #DatasheetDescription
logo
Clarke International
PSP105 CLARKE-PSP105 Datasheet
2Mb / 12P
250W PUDDLE PUMP WITH AUTO SENSOR
GC1221 - ISS 5
More results


Similar Description - PSP1045

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com