Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC338-25 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

BC338-25 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # BC338-25
Download  BC338-25 Download
File Size   38.82 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TO-92 Plastic-Encapsulate Transistors

BC338-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC338-25 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BC338-25
Download  BC338-25 Click to download

File Size   38.82 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TO-92 Plastic-Encapsulate Transistors

BC338-25 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd


BC338-25 Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 0.625 W (Tamb=25℃)
   Collector current
      ICM: 0.8 A
   Collector-base voltage
      VCBO: BC337 50 V
                  BC338 30 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BC338-25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC338-25 MOTOROLA-BC338-25 Datasheet
163Kb / 4P
Amplifier Transistor
logo
Siemens Semiconductor G...
BC338-25 SIEMENS-BC338-25 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC338-25 DIOTEC-BC338-25 Datasheet
140Kb / 2P
Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC338-25 ONSEMI-BC338-25 Datasheet
82Kb / 6P
Amplifier Transistors
July, 2004 ??Rev. 4
BC338-25 ONSEMI-BC338-25 Datasheet
65Kb / 5P
Amplifier Transistors NPN Silicon
September, 2005 ??Rev. 5
More results


Similar Description - BC338-25

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com