Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11050M Datasheet (PDF) - TOKO, Inc

TK11050M Datasheet PDF - TOKO, Inc
Part # TK11050M
Download  TK11050M Download
File Size   56.08 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description TEMPERATURE CONTROLLER IC

TK11050M Datasheet (PDF)

Go To PDF Page Download Datasheet
TK11050M Datasheet PDF - TOKO, Inc

Part # TK11050M
Download  TK11050M Click to download

File Size   56.08 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description TEMPERATURE CONTROLLER IC

TK11050M Datasheet (HTML) - TOKO, Inc


TK11050M Product details

DESCRIPTION
The TK11050 is an accurate temperature controller IC for use over the -30 to +105 °C temperature range. The TK11050 monolithic bipolar integrated circuit contains a temperature sensor, stable voltage reference and a comparator, making the device very useful as an on/off temperature controller. Two external resistors easily set the sensing temperature threshold and hysteresis. Its wide operating voltage range of 2.7 to 6.0 V makes this IC suitable for a number of applications requiring accurate temperature control. The device is in the “on” state when the control pin is pulled to a logic high level.
The TK11050 is available in a miniature SOT-23L-6 surface mount package.

FEATURES
■ Internal Temperature Sensor, Voltage Reference and Comparator
■ Temperature Threshold and Hysteresis Set by Only Two External Resistors
■ Output Logic: Low to High with Increasing Temp.
■ Active High On/Off Control
■ 2.7 to 6.0 V Supply Range
■ Miniature Package (SOT-23L-6)
■ Minimum External Parts Count
■ Low Power Consumption
■ Very Wide Temperature Range

APPLICATIONS
■ Home and Industrial Thermostats
■ Home Appliance Temperature Control
■ Notebook Computer Temperature Monitor
■ Pentium Processor Temperature Monitor
■ Power Supply Overtemperature Protection
■ Copy Machine Overtemperature Protection
■ System Overtemperature Protection




Similar Part No. - TK11050M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
TK11051M TOKO-TK11051M Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
TK11051MTL TOKO-TK11051MTL Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
THERMOSTAT IC
TK11052M TOKO-TK11052M Datasheet
124Kb / 12P
THERMOSTAT IC
More results


Similar Description - TK11050M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
Princeton Technology Co...
PT2259 PTC-PT2259 Datasheet
445Kb / 21P
Volume Controller IC
logo
List of Unclassifed Man...
AR7646 ETC1-AR7646 Datasheet
801Kb / 3P
12-bit Touch Panel Controller IC whit Temperature Sensor
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
Temperature Controller
logo
Schurter Inc.
10700029 SCHURTER-10700029 Datasheet
195Kb / 1P
Controller IC
10700031 SCHURTER-10700031 Datasheet
229Kb / 2P
Controller IC
logo
Infineon Technologies A...
ICL8002G INFINEON-ICL8002G Datasheet
1Mb / 22P
LED Controller IC
Rev1.0, 2012-02-28
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
logo
List of Unclassifed Man...
DDA005 ETC2-DDA005 Datasheet
100Kb / 1P
POWER Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com