Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11070 Datasheet (PDF) - TOKO, Inc

TK11070 Datasheet PDF - TOKO, Inc
Part # TK11070
Download  TK11070 Download
File Size   40.34 Kbytes
Page   6 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description NEGATIVE SLOPE TEMPERATURE SENSOR IC

TK11070 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK11070 Datasheet PDF - TOKO, Inc

Part # TK11070
Download  TK11070 Click to download

File Size   40.34 Kbytes
Page   6 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description NEGATIVE SLOPE TEMPERATURE SENSOR IC

TK11070 Datasheet (HTML) - TOKO, Inc


TK11070 Product details

DESCRIPTION
The TK11070 is a temperature sensor IC with a linear negative slope output of -8 mV/°C over the range of -30 to + 105 °C. Its wide operating voltage range of 2.7 to 10.0 V makes it suitable for a number of applications requiring accurate temperature control, such as electronic thermostats for climate control, refrigerators, and industrial process controls. The device is in the “on” state when the control pin is pulled to a logic high level. In the ”off” state, the standby current is 1 µA maximum.

FEATURES
■ Linear Output Voltage -8 mV/°C Output
■ Active High On/Off Control
■ 2.7 to 10.0 V Supply Range
■ Miniature Package (SOT-23-5)
■ Minimum External Parts Count
■ Low Power Consumption

APPLICATIONS
■ Home and Industrial Thermostats
■ Automotive Climate Control
■ Battery Charger Temperature Monitor
■ Notebook Computer Temperature Monitor
■ Electronic Thermometers
■ Fish Finder Water Temperature
■ Industrial Process Controllers
■ Home Appliance Temperature Control
■ Liquid Crystal Panel Contrast Adjustment




Similar Part No. - TK11070

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
TEMPERATURE SENSOR IC
More results


Similar Description - TK11070

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
Temperature Sensor IC
logo
TOKO, Inc
K11044 TOKO-K11044 Datasheet
37Kb / 5P
TEMPERATURE SENSOR IC
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
TEMPERATURE SENSOR IC
logo
KR Electronics, Inc.
2815 KR-2815 Datasheet
48Kb / 2P
6 dB negative slope equalizer
2816 KR-2816 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817 KR-2817 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
2848 KR-2848 Datasheet
47Kb / 2P
7 dB negative slope equalizer
2857 KR-2857 Datasheet
49Kb / 2P
5 dB negative slope equalizer
3120 KR-3120 Datasheet
130Kb / 2P
Negative Slope Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com