Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11850L Datasheet (PDF) - TOKO, Inc

TK11850L Datasheet PDF - TOKO, Inc
Part # TK11850L
Download  TK11850L Download
File Size   162.62 Kbytes
Page   14 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description WHITE LED DRIVER

TK11850L Datasheet (PDF)

Go To PDF Page Download Datasheet
TK11850L Datasheet PDF - TOKO, Inc

Part # TK11850L
Download  TK11850L Click to download

File Size   162.62 Kbytes
Page   14 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description WHITE LED DRIVER

TK11850L Datasheet (HTML) - TOKO, Inc


TK11850L Product details

DESCRIPTION
The TK11850L is a pulse skipping step-up DC-DC converter IC designed for White LED driver applications with the following built in: a very high current switching transistor (400 mA peak), an inductor current limit detector, low voltage reference (Vref = 0.5 V), high speed oscillator, an error comparator, a rectifier diode (for small power output) and an ON/OFF control. The IC works with a very wide operating supply range (2.3 V to 10 V) and the adjustable output voltage can be set as high as 20 V. The device is in the ON state when the EN pin is pulled to a high level. Using the very small TK11850L and a few external components, battery powered systems with LCD displays such as digital cameras and cellular phones can be effectively backlit with white LEDs. The white LEDs are connected in series and driven at a constant current resulting in uniform brightness
and high efficiency.

FEATURES
■ Very High Speed Adjustable OSC (Max 800 kHz)
■ Very Wide Operating Voltage Range (2.3 V to 10 V)
■ Low Loss Detector (Low Reference Voltage: VREF = 0.5 V)
■ Operates with Toko D31FU Miniature Coil (Current Limited by Input Current Sensor)
■ Internal Switching Transistor
■ Internal Diode
■ Active High On / Off Control
■ Available Intensity Control Using EN Pin with PWM Signal
■ Very Small SOT23L-8 Surface Mount Package

APPLICATIONS
■ LED Backlighting and Frontlighting
■ LED Flashlights
■ Step-up DC-DC Converters




Similar Part No. - TK11850L

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
Step-up DC-DC converter IC
More results


Similar Description - TK11850L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9903 SUTEX-HV9903 Datasheet
326Kb / 12P
White LED Driver
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
WHITE LED DRIVER
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_12 Datasheet
885Kb / 25P
White LED Driver
BD6074GUT ROHM-BD6074GUT_12 Datasheet
629Kb / 21P
White LED Driver
BD65B60GWL ROHM-BD65B60GWL Datasheet
795Kb / 51P
White LED Driver
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
White LED Driver ICs
logo
Shenzhen Huazhimei Semi...
HM2126 HMSEMI-HM2126 Datasheet
344Kb / 9P
White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com