Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8128TB Datasheet (PDF) - NEC

UPC8128TB Datasheet PDF - NEC
Part # UPC8128TB
Download  UPC8128TB Download
File Size   287.78 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES

UPC8128TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8128TB Datasheet PDF - NEC

Part # UPC8128TB
Download  UPC8128TB Click to download

File Size   287.78 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES

UPC8128TB Datasheet (HTML) - NEC


UPC8128TB Product details

DESCRIPTION
The µPC8128TB, µPC8151TB and µPC8152TB are silicon monolithic integrated circuits designed as buffer amplifiers for cellular or cordless telephones. These amplifiers can realize low current consumption with external chip inductor (eg 1005 size) which can not be realized on internal 50 Ω wideband matched IC. These low current amplifiers operate on 3.0 V.
These ICs are manufactured using NEC’s 20 GHz fT NESAT™ III silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and prevent corrosion/migration. Thus, these ICs have excellent performance, uniformity and reliability.

FEATURES
• Supply voltage : VCC = 2.4 to 3.3 V
• Low current consumption : µPC8128TB ; ICC = 2.8 mA TYP. @VCC = 3.0 V
                                             µPC8151TB ; ICC = 4.2 mA TYP. @VCC = 3.0 V
                                             µPC8152TB ; ICC = 5.6 mA TYP. @VCC = 3.0 V
• High efficiency : µPC8128TB ; PO(1 dB) = −4.0 dBm TYP. @f = 1 GHz
                             µPC8151TB ; PO(1 dB) = +2.5 dBm TYP. @f = 1 GHz
                             µPC8152TB ; PO(1 dB) = −4.5 dBm TYP. @f = 1 GHz
• Power gain : µPC8128TB, 8151TB ; GP = 12.5 dB TYP. @f = 1 GHz
                       µPC8152TB ; GP = 23 dB TYP. @f = 1 GHz
• Excellent isolation : µPC8128TB ; ISL = 39 dB TYP. @f = 1 GHz
                                : µPC8151TB ; ISL = 38 dB TYP. @f = 1 GHz
                                : µPC8152TB ; ISL = 40 dB TYP. @f = 1 GHz
• Operating frequency : 100 to 1 900 MHz (Output port LC matching)
• High-density surface mounting : 6-pin super minimold package (2.0 × 1.25 × 0.9 mm)
• Light weight : 7 mg (Standard value)

APPLICATION
• Buffer Amplifiers on 800 to 1 900 MHz cellular or cordless telephones




Similar Part No. - UPC8128TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8128TB NEC-UPC8128TB Datasheet
138Kb / 16P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
154Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
logo
California Eastern Labs
UPC8128TB CEL-UPC8128TB Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8128TB CEL-UPC8128TB Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8128TB RENESAS-UPC8128TB Datasheet
513Kb / 54P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
More results


Similar Description - UPC8128TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
Low-voltage Compander IC for Cordless Telephones
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
Cordless Home Telephones
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com