Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG4030M14 Datasheet (PDF) - NEC

NESG4030M14 Datasheet PDF - NEC
Part # NESG4030M14
Download  NESG4030M14 Download
File Size   112.49 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)

NESG4030M14 Datasheet (PDF)

Go To PDF Page Download Datasheet
NESG4030M14 Datasheet PDF - NEC

Part # NESG4030M14
Download  NESG4030M14 Click to download

File Size   112.49 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)

NESG4030M14 Datasheet (HTML) - NEC


NESG4030M14 Product details

NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)

FEATURES
• The device is an ideal choice for low noise, high-gain amplification
   NF = 1.1 dB TYP., Ga = 11.5 dB TYP. @ VCE = 2 V, IC = 6 mA, f = 5.8 GHz
• Maximum stable power gain: MSG = 15 dB TYP. @ VCE = 2 V, IC = 20 mA, f = 5.8 GHz
• SiGe:C HBT technology (UHS4) adopted
• Improvement of ESD protection
• 4-pin lead-less minimold (M14, 1208 PKG)




Similar Part No. - NESG4030M14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG4030M14 RENESAS-NESG4030M14 Datasheet
327Kb / 12P
NPN SILICON GERMANIUM C RF TRANSISTOR
2009
NESG4030M14-A RENESAS-NESG4030M14-A Datasheet
327Kb / 12P
NPN SILICON GERMANIUM C RF TRANSISTOR
2009
NESG4030M14-T3 RENESAS-NESG4030M14-T3 Datasheet
327Kb / 12P
NPN SILICON GERMANIUM C RF TRANSISTOR
2009
NESG4030M14-T3-A RENESAS-NESG4030M14-T3-A Datasheet
327Kb / 12P
NPN SILICON GERMANIUM C RF TRANSISTOR
2009
More results


Similar Description - NESG4030M14

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5787 NEC-2SC5787 Datasheet
100Kb / 22P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5746 NEC-2SC5746 Datasheet
100Kb / 22P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
2SC5606 NEC-2SC5606_1 Datasheet
73Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NE66219 CEL-NE66219 Datasheet
329Kb / 6P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com