Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2746 Datasheet (PDF) - Maxim Integrated Products

DS2746 Datasheet PDF - Maxim Integrated Products
Part # DS2746
Download  DS2746 Download
File Size   306.8 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs

DS2746 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2746 Datasheet PDF - Maxim Integrated Products

Part # DS2746
Download  DS2746 Click to download

File Size   306.8 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs

DS2746 Datasheet (HTML) - Maxim Integrated Products


DS2746 Product details

GENERAL DESCRIPTION

The DS2746 provides system-side battery capacity monitoring in cost-sensitive applications. Voltage, bidirectional current, and accumulated current measurement data is provided to the host processor over a 2-wire interface. Offset bias and offset blanking features greatly enhance the accuracy of the coulomb counter. In addition, the DS2746 has two auxiliary A/D inputs to sample the pack identification resistor, thermistor, or other voltage source. The results are reported as a ratiometric fraction of the supply voltage eliminating error related to the supply. The DS2746 reduces the total power consumption of the measurement circuit by enabling the resistor dividers, through the VOUT pin, only while measurements are made. When the system is inactive, a low power sleep mode reduces current consumption while maintaining the coulomb count. The tiny 3mm × 3mm TDFN package consumes only 9mm2 of PCB space.



FEATURES

14-Bit Bidirectional Current Measurement

  - 6.25μV LSB, ±51.2mV Dynamic Range

  - 416.7μA LSB, ±3.4A Range (RSNS = 15mΩ)

Current Accumulation Register Resolution

  - 6.25μVhr LSB, 409.6mVh Range

  - 417μAhr LSB, 27.31Ah Range

11-Bit Battery Voltage Measurement

  - 2.44mV LSB, 0V to 4.997V Input Range

  - ±10mV Accuracy at 3.6V Input

Two 11-Bit Aux Input Voltage Measurements

  - Ratiometric Inputs Eliminate Supply Error

  - VOUT drives Dividers, Reduces Power

  - ±8 LSB Accuracy

Low Power Consumption:

  - Active Current: 70μA typical, 100μA max

  - Sleep Current: 1μA typical, 3μA max



APPLICATIONS

2.5G/3G Wireless Handsets

PDA/Smartphones

Digital Still and Video Cameras

Handheld Computers and Terminals




Similar Part No. - DS2746

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS2746 VISHAY-DS2746 Datasheet
278Kb / 15P
Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Dallas Semiconductor
DS2746 DALLAS-DS2746 Datasheet
272Kb / 16P
Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Vishay Siliconix
DS2746G+ VISHAY-DS2746G+ Datasheet
278Kb / 15P
Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Dallas Semiconductor
DS2746G+ DALLAS-DS2746G+ Datasheet
272Kb / 16P
Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Vishay Siliconix
DS2746G+TANDR VISHAY-DS2746G+TANDR Datasheet
278Kb / 15P
Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
More results


Similar Description - DS2746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
011005
DS2745 MAXIM-DS2745 Datasheet
223Kb / 14P
Low-Cost I2C Battery Monitor
091405
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
logo
Vishay Siliconix
DS2746 VISHAY-DS2746 Datasheet
278Kb / 15P
Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Dallas Semiconductor
DS2746 DALLAS-DS2746_07 Datasheet
272Kb / 16P
Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2745 MAXIM-DS2745_09 Datasheet
237Kb / 15P
Low-Cost I2C Battery Monitor
5/09
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com