| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9986A
|
348Kb / 12P |
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06 |
|
MAX9984
|
493Kb / 15P |
SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05 |
|
MAX19997A
|
492Kb / 34P |
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08 |
|
MAX2042
|
4Mb / 27P |
SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09 |
|
MAX19996A
|
825Kb / 35P |
SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09 |
|
MAX2044
|
6Mb / 39P |
SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09 |
|
MAX19998
|
5Mb / 28P |
SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09 |
|
MAX19997A
|
585Kb / 35P |
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 2; 2/11 |
|
MAX19997A_1108
|
631Kb / 35P |
Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11 |
|
MAX19996
|
404Kb / 19P |
SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08 |