Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2077 Datasheet (PDF) - Maxim Integrated Products

MAX2077 Datasheet PDF - Maxim Integrated Products
Part # MAX2077
Download  MAX2077 Download
File Size   1172.17 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal-Channel Ultrasound Front-End

MAX2077 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2077 Datasheet PDF - Maxim Integrated Products

Part # MAX2077
Download  MAX2077 Click to download

File Size   1172.17 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal-Channel Ultrasound Front-End

MAX2077 Datasheet (HTML) - Maxim Integrated Products


MAX2077 Product details

General Description
The MAX2077 octal-channel ultrasound front-end is a fully integrated, bipolar, high-density, octal-channel ultrasound receiver optimized for low-cost, high-channel count, high-performance portable and cart-based ultrasound systems. The easy-to-use IC allows the user to achieve high-end 2D and PW imaging capability using substantially less space and power. The highly compact imaging receiver lineup, including a low-noise amplifier (LNA), variable-gain amplifier (VGA), and anti alias filter (AAF), achieves an ultra-low 2.4dB noise figure at RS = RIN = 200Ω at a very low 64.8mW per channel power dissipation. The full imaging receiver channel has been optimized for second-harmonic imaging with -64dBFS second-harmonic distortion performance with a 1VP-P 5MHz output signal and broad band SNR of > 68dB* at 20dB gain. The bipolar front-end has also been optimized for excellent low velocity PW and color-flow Doppler sensitivity with an exceptional near-carrier SNR of 140dBc/Hz at 1kHz off set from a 5MHz 1VP-P output clutter signal.

Features
♦ 8 Full Channels of LNA, VGA, and AAF in a Small,
   8mm x 8mm, 56-Pin or 10mm x 10mm, 68-Pin
   TQFN Package
♦ Ultra-Low Full-Channel Noise Figure of 2.4dB at
   RIN = RS = 200Ω
♦ Low Output-Referred Noise of 23nV/√Hz at 5MHz,
   20dB Gain, Yielding a Broadband SNR of 68dB*
   for Excellent Second-Harmonic Imaging
♦ High Near-Carrier SNR of 140dBc/Hz at 1kHz
   Offset from a 5MHz, 1VP-P Output Signal, and
   20dB of Gain for Excellent Low-Velocity PW and
   Color-Flow Doppler Sensitivity in a High-Clutter
   Environment
♦ Ultra-Low Power 64.8mW per Full-Channel (LNA,
   VGA, and AAF) Normal Imaging Mode
♦ Selectable Active Input-Impedance Matching of
   50Ω, 100Ω, 200Ω, and 1kΩ
♦ Wide Input-Voltage Range of 330mVP-P in High LNA
   Gain Mode and 550mVP-P in Low LNA Gain Mode
♦ Integrated Selectable 3-Pole 9MHz, 10MHz,
   15MHz, and 18MHz Butterworth AAF
♦ Fast-Recovery, Low-Power Modes (< 2µs)
♦ Pin Compatible with the MAX2078 Ultrasound
   Front-End with CW Doppler (MAX2077 68-Pin
   Package Variant)

Applications
   Medical Ultrasound Imaging
   Sonar




Similar Part No. - MAX2077

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX2077 AD-MAX2077 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
Rev 2 5/19
MAX2077CTK AD-MAX2077CTK Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
Rev 2 5/19
MAX2077CTN AD-MAX2077CTN Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
Rev 2 5/19
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
More results


Similar Description - MAX2077

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
Ultrasound Analog Front-End
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
16-Channel, Ultrasound, Analog Front-End
LM96511 TI1-LM96511_15 Datasheet
13Mb / 74P
Ultrasound Receive Analog Front End
logo
Analog Devices
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
Octal Ultrasound Analog Front End
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com