Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3627 Datasheet (PDF) - Maxim Integrated Products

MAX3627 Datasheet PDF - Maxim Integrated Products
Part # MAX3627
Download  MAX3627 Download
File Size   619.52 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs

MAX3627 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3627 Datasheet PDF - Maxim Integrated Products

Part # MAX3627
Download  MAX3627 Click to download

File Size   619.52 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs

MAX3627 Datasheet (HTML) - Maxim Integrated Products


MAX3627 Product details

General Description
The MAX3627 is a low-jitter, precision clock generator optimized for network applications. The device integrates a crystal oscillator and a phase-locked loop (PLL) to generate high-frequency clock outputs for Ethernet applications.
Maxim’s proprietary PLL design features ultra-low jitter (0.4psRMS) and excellent power-supply noise rejection (PSNR), minimizing design risk for network equipment.
The MAX3627 contains seven LVDS outputs and one LVCMOS output. The output frequencies are selectable among 125MHz, 156.25MHz, and 312.5MHz.

Features
♦ Crystal Oscillator Interface: 25MHz
♦ OSC_IN Interface
   PLL Enabled: 25MHz
   PLL Disabled: 20MHz to 320MHz
♦ Outputs
   One LVDS Output at 125MHz/156.25MHz/
      312.5MHz (Selectable with FSELA)
   Six LVDS Outputs at 125MHz/156.25MHz/
      312.5MHz (Selectable with FSELB)
   One LVCMOS Output at 125MHz/156.25MHz
      (Selectable with FSELB)
♦ Low Phase Jitter
   0.4psRMS (12kHz to 20MHz)
   0.2psRMS (1.875MHz to 20MHz)
♦ Excellent PSNR: -64dBc at 156.25MHz with
   40mVP-P Supply Noise at 100kHz
♦ Operating Temperature Range: 0°C to +70°C

Applications
   Ethernet Networking Equipment




Similar Part No. - MAX3627

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362 MAXIM-MAX362 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3620 MAXIM-MAX3620 Datasheet
159Kb / 6P
Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620AETT MAXIM-MAX3620AETT Datasheet
159Kb / 6P
Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620BETT MAXIM-MAX3620BETT Datasheet
159Kb / 6P
Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620CETT MAXIM-MAX3620CETT Datasheet
159Kb / 6P
Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
More results


Similar Description - MAX3627

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com