| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX6952
|
395Kb / 21P |
4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02 |
|
MAX6954
|
395Kb / 38P |
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02 |
|
MAX6955
|
552Kb / 39P |
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02 |
|
MAX6957
|
333Kb / 23P |
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
|
|
MAX6956
|
381Kb / 27P |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03 |
|
MAX6956
|
201Kb / 24P |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09 |
|
MAX6954
|
1Mb / 39P |
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14 |
|
MAX6955
|
497Kb / 40P |
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15 |
|
MAX6957
|
1Mb / 23P |
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14 |
|
MAX6956
|
1Mb / 24P |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021 |