Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8831 Datasheet (PDF) - Maxim Integrated Products

MAX8831 Datasheet PDF - Maxim Integrated Products
Part # MAX8831
Download  MAX8831 Download
File Size   422.62 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, White LED Step-Up Converter with I2C Interface in 2mm x 2mm WLP

MAX8831 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8831 Datasheet PDF - Maxim Integrated Products

Part # MAX8831
Download  MAX8831 Click to download

File Size   422.62 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, White LED Step-Up Converter with I2C Interface in 2mm x 2mm WLP

MAX8831 Datasheet (HTML) - Maxim Integrated Products


MAX8831 Product details

General Description
The MAX8831 integrates a 60mA, 28V PWM DC-DC step-up converter with five low-dropout LED current regulators for display and keypad backlighting in cell phones, PDAs, and other portable devices. The IC provides up to 90% efficiency over the entire input voltage range of 2.7V to 5.5V. The step-up converter operates at a fixed 2MHz switching frequency, enabling the use of very small external components to achieve a compact circuit area. For improved efficiency, the step-up converter automatically transitions to pulse-skipping mode at light loads.

Benefits and Features
• Highly Integrated 28V Step-Up DC-DC Converter with Programmable Functionality Lowers System Cost
   • Integrated NMOS Power Switch
• Two 25mA Regulators for Display Backlighting
   • I2C-Programmable 50µA to 25.25mA Output Current
   • 128-Step Logarithmic Dimming
   • Individually Programmable Ramp (Up/Down) Timers
   • Low Dropout (200mV max)
• Three 5mA Current Regulators for Keypad Lighting with I2C-Programmable 50µA to 5.0mA Output Current
   • 32-Step Logarithmic Dimming
   • Individually Programmable Ramp (Up/Down) Timers
   • Individual Blink Rate and Duty Cycle Timers
   • Low Dropout (150mV max)
   • I2C Programmable Compatible with 1.8V Logic
• Protection Features Increase Reliability
   • Open/Short LED and Open-Circuit Diode Detection
   • Thermal-Shutdown and Output Overvoltage Protection
• High Efficiency and Low Shutdown Current Extend Battery Life
   • > 90% Efficiency
   • Pulse Skipping for Improved Light-Load Efficiency
   • Ultra-Low 0.1µA Shutdown Current
• Small Solution Size Saves Board Space
   • Tiny 2mm x 2mm, 16-Bump WLP Package
   • 2MHz Switching Frequency Allows Use of Tiny External Components

Applications
   Cell Phones
   PDAs
   Smartphones




Similar Part No. - MAX8831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX883 MAXIM-MAX883 Datasheet
136Kb / 16P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX883 MAXIM-MAX883 Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX883 MAXIM-MAX883 Datasheet
507Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
MAX8830 MAXIM-MAX8830 Datasheet
214Kb / 15P
LED Light Management IC in 2.5mm x 2.5mm UCSP
Rev 0; 4/07
MAX8830EWE MAXIM-MAX8830EWE Datasheet
214Kb / 15P
LED Light Management IC in 2.5mm x 2.5mm UCSP
Rev 0; 4/07
More results


Similar Description - MAX8831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com