Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9043BEUB Datasheet (PDF) - Maxim Integrated Products

MAX9043BEUB Datasheet PDF - Maxim Integrated Products
Part # MAX9043BEUB
Download  MAX9043BEUB Download
File Size   404.84 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs

MAX9043BEUB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9043BEUB Datasheet PDF - Maxim Integrated Products

Part # MAX9043BEUB
Download  MAX9043BEUB Click to download

File Size   404.84 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs

MAX9043BEUB Datasheet (HTML) - Maxim Integrated Products


MAX9043BEUB Product details

General Description
The MAX9038–MAX9043 and MAX9050–MAX9053 feature combinations of low-power comparators and precision voltage references. Their operating voltage range makes them ideal for both 3V and 5V systems.

Features
● Comparator + Precision Reference in UCSP/SOT23
● 2.5V to 5.5V Single-Supply Operation
   (MAX9038–MAX9043)
● Low Supply Current (MAX9038/MAX9039/MAX9040/
   MAX9041/MAX9050/MAX9051)
   • 40μA Quiescent
   • 50μA with 100kHz Switching
   • Open-Drain Output MAX9038
● 400ns Propagation Delay
● Rail-to-Rail Inputs
● Rail-to-Rail Output Stage Sinks and Sources 8mA
● Internal ±3mV Hysteresis
● Voltage Reference Offers
   • ±0.4% (max) Initial Accuracy (A Grade)
   • 6ppm/°C (typ) Temperature Coefficient (A Grade)
   • Stable for 0 to 4.7nF Capacitive Loads
  
Applications
● Precision Battery Management
● Window Comparators
● IR Receivers
● Level Translators
● Digital Line Receivers




Similar Part No. - MAX9043BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9043BEUB MAXIM-MAX9043BEUB Datasheet
162Kb / 12P
Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results


Similar Description - MAX9043BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9043 MAXIM-MAX9043 Datasheet
417Kb / 15P
Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 1; 10/04
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com