Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14523AL Datasheet (PDF) - Maxim Integrated Products

MAX14523AL Datasheet PDF - Maxim Integrated Products
Part # MAX14523AL
Download  MAX14523AL Download
File Size   275.36 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250mA to 1.5A, Adjustable Current-Limit Switches

MAX14523AL Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14523AL Datasheet PDF - Maxim Integrated Products

Part # MAX14523AL
Download  MAX14523AL Click to download

File Size   275.36 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250mA to 1.5A, Adjustable Current-Limit Switches

MAX14523AL Datasheet (HTML) - Maxim Integrated Products


MAX14523AL Product details

General Description
The MAX14523A/MAX14523AL/MAX14523B/MAX14523C programmable current-limit switches feature internal current limiting to prevent damage to host devices due to faulty load conditions. These current-limit switches feature a low 70mΩ on-resistance and operate from a +1.7V to +5.5V input voltage range. The current limit is adjustable from 250mA to 1.5A, making these devices ideal for SDIO (secure digital input/output) and other load-switching applications.

Features
♦ Accurate (±10%) Overload Current Limit
♦ Adjustable Current-Limit Threshold
♦ Low-Dropout Voltage (70mV at 1A Load Current)
♦ Short-Circuit Protection
♦ Thermal-Shutdown Protection
♦ Reverse-Current Protection
♦ 170µA (typ) Supply Current
♦ Shutdown Reverse Current, 0.6µA (max)
♦ +1.7V to +5.5V Supply Voltage Range
♦ Tiny 8-Pin, 3mm x 3mm, TDFN Package




Similar Part No. - MAX14523AL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523ALATA MAXIM-MAX14523ALATA Datasheet
349Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523ALATA+ MAXIM-MAX14523ALATA+ Datasheet
788Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
2019
More results


Similar Description - MAX14523AL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Maxim Integrated Produc...
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com