Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14535E Datasheet (PDF) - Maxim Integrated Products

MAX14535E Datasheet PDF - Maxim Integrated Products
Part # MAX14535E
Download  MAX14535E Download
File Size   82.58 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Resistance DPDT Switches with Negative Rail

MAX14535E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14535E Datasheet PDF - Maxim Integrated Products

Part # MAX14535E
Download  MAX14535E Click to download

File Size   82.58 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Resistance DPDT Switches with Negative Rail

MAX14535E Datasheet (HTML) - Maxim Integrated Products


MAX14535E Product details

General Description
The MAX14535E–MAX14539E are low on-resistance and high ESD-protected DPDT switches that multiplex analog signals, such as AC-coupled audio or video. These devices combine the low on-capacitance (CON) and low on-resistance (RON) necessary for high-performance switching applications in portable electronics, and include an internal negative supply to pass audio signals that swing below ground (down to -1.5V).

Features
♦ Low 0.135Ω (typ) On-Resistance
♦ Low 0.3mΩ (typ) RON Flatness
♦ Single +2.4V to +5.5V Supply Voltage
♦ Pass Audio Signal Between -1.5V and min (VCC, 3V)
♦ Internal Shunt Resistors for Click-and-Pop Reduction (MAX14535E/MAX14537E/MAX14539E)
♦ Withstand 3.6V (max) Applied to NC_, NO_, and COM_ when VCC = 0V
♦ High ESD Protection: Up to ±15kV on COM_
♦ 10-Pin UTQFN (1.4mm x 1.8mm) Package
♦ -40°C to +85°C Operating Temperature Range

Applications
    Cell Phones
    MP3 Players
    Notebook Computers
    PDAs




Similar Part No. - MAX14535E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14535E MAXIM-MAX14535E Datasheet
127Kb / 5P
Demonstrates USB Power Operation
Rev 0; 3/09
MAX14535EEVKIT MAXIM-MAX14535EEVKIT Datasheet
127Kb / 5P
Demonstrates USB Power Operation
Rev 0; 3/09
MAX14535EEVKIT+ MAXIM-MAX14535EEVKIT+ Datasheet
127Kb / 5P
Demonstrates USB Power Operation
Rev 0; 3/09
More results


Similar Description - MAX14535E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
logo
STMicroelectronics
STG5682 STMICROELECTRONICS-STG5682 Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
logo
Maxim Integrated Produc...
MAX4901 MAXIM-MAX4901 Datasheet
346Kb / 13P
Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability
Rev 2; 5/06
logo
STMicroelectronics
STG5683 STMICROELECTRONICS-STG5683 Datasheet
244Kb / 16P
Low voltage dual SPDTswitch with negative rail capability
05-Jul-2007
logo
Vishay Siliconix
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
07-Nov-05
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
ON Semiconductor
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
logo
Will Semiconductor Ltd.
WAS4768Q WILLSEMI-WAS4768Q Datasheet
1Mb / 11P
DPDT USB2.0 Hi-Speed (480Mbps) and HiFi Audio Switches with Negative Swing Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
Low voltage dual SPDT switch with negative rail capability
04-Jun-2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com