Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15027 Datasheet (PDF) - Maxim Integrated Products

MAX15027 Datasheet PDF - Maxim Integrated Products
Part # MAX15027
Download  MAX15027 Download
File Size   347.79 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input

MAX15027 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15027 Datasheet PDF - Maxim Integrated Products

Part # MAX15027
Download  MAX15027 Click to download

File Size   347.79 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input

MAX15027 Datasheet (HTML) - Maxim Integrated Products


MAX15027 Product details

General Description
The MAX15027/MAX15028 low-dropout linear regulators operate from input voltages as low as 1.425V and deliver up to 1A of continuous output current with a typical dropout voltage of only 75mV. The output voltage is adjustable from 0.5V to VIN and is ±2% accurate over load and line variations, from -40°C to +125°C. The MAX15028 features a BIAS input of 3V to 5.5V from an always-on power supply. The BIAS input current is reduced down to less than 2µA during shutdown.

Features
● 1.425V to 3.6V Input Voltage Range
● Output Voltage Programmable from 0.5V to VIN
● Guaranteed Maximum 225mV Dropout at 1A Output Current
● ±2% Output Accuracy Over Load, Line, and Temperature
● Stable with Ceramic Capacitors
● Fast Transient Response
● 60µA Operating Bias Supply Current (MAX15028)
● 1.2µA Shutdown Bias Supply Current (MAX15028)
● Short-Circuit and Thermal Protection
● -40°C to +125°C Operating Temperature Range
● Soft-Start Limits Inrush Current
● Thermally Enhanced 3mm x 3mm TDFN Package
● AEC-Q100 Qualified

Applications
● Automotive (Dead-Man LDO)
● Servers
● Storage
● Networking
● Base Stations
● Optical Modules
● ATE




Similar Part No. - MAX15027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
MAX15020 MAXIM-MAX15020 Datasheet
316Kb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020 MAXIM-MAX15020 Datasheet
417Kb / 7P
Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
MAX15020 MAXIM-MAX15020 Datasheet
2Mb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020ATP MAXIM-MAX15020ATP Datasheet
316Kb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
More results


Similar Description - MAX15027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
logo
SeCoS Halbleitertechnol...
S5JGS1581D SECOS-S5JGS1581D_15 Datasheet
942Kb / 8P
Dual Input Dropout Regulators
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com