Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3108 Datasheet (PDF) - Maxim Integrated Products

MAXQ3108 Datasheet PDF - Maxim Integrated Products
Part # MAXQ3108
Download  MAXQ3108 Download
File Size   3318.02 Kbytes
Page   64 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Dual-Core Microcontroller

MAXQ3108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ3108 Datasheet PDF - Maxim Integrated Products

Part # MAXQ3108
Download  MAXQ3108 Click to download

File Size   3318.02 Kbytes
Page   64 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Dual-Core Microcontroller

MAXQ3108 Datasheet (HTML) - Maxim Integrated Products


MAXQ3108 Product details

General Description
The MAXQ3108 is a low-power microcontroller that features two high-performance MAXQ20 cores: a dedicated core (DSPCore) for intensive data processing and a user core (UserCore) for supervisory functions. The two cores can operate at different clock speeds, allowing lower system power consumption for even processing intensive applications. The UserCore can be configured to run at the lowest clock rate possible for monitoring the peripherals for communication activities, while the DSPCore runs at the highest speed.

Features
♦ High-Performance, Low-Power, Dual 16-Bit RISC Cores
♦ Approaches 1MIPS per MHz
♦ System Clock
    10.027MHz (DSPCore)
    5.014MHz (UserCore)
♦ 33 Instructions
♦ Approximately 100ns Execution Time at 10.027MHz
♦ Three Independent Data Pointers Accelerate Data Movement with Automatic Increment/Decrement
♦ 16-Bit Instruction Word, 16-Bit Data Bus
♦ 16 x 16-Bit General-Purpose Working Registers for Each Core
♦ 16-Level Hardware Stack for Each Core
♦ Hardware Support for Software Stack
♦ Memory Features
    UserCore
        64KB Flash Program Memory
        16B Battery-Backed (VBAT) Data SRAM
        4KB Utility ROM
        2KB Data SRAM; 10KB Total Data SRAM (If DSPCore Inactive)
    DSPCore
        8KB User-Loadable SRAM Code Memory
        1KB Data SRAM
♦ Peripherals
    FLL (10MHz Output with 32kHz Input)
    SPI Master, I2C Master
    Two UART Channels (One Supports IR Carrier Modulation)
    Math Accelerator for Each Core
    Three Manchester Decoder and Cubic Sinc Filter Channels for Interfacing to DS8102 Delta-Sigma Modulators
    Two 16-Bit Programmable Timer/Counters
    RTC with Alarms and Digital Trim, Dedicated Battery-Backup Pin (VBAT)
    Two Programmable Pulse Generators
    Independent Watchdog Timer for Each Core
    External Interrupts
    JTAG Interface
♦ Operating Modes
    Stop Mode: 0.1µA typ
    Active Current at 10MHz and VDD = 2.0V: 1.0mA typ




Similar Part No. - MAXQ3108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3100-EMN+ MAXIM-MAXQ3100-EMN+ Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
More results


Similar Description - MAXQ3108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
logo
List of Unclassifed Man...
D80530 ETC2-D80530 Datasheet
217Kb / 3P
8-bit Microcontroller Core
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
logo
ATMEL Corporation
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
Microcontroller with Low Power
ATMEGA128RFR2 ATMEL-ATMEGA128RFR2_14 Datasheet
5Mb / 611P
Microcontroller with Low Power
ATMEGA256RFR2 ATMEL-ATMEGA256RFR2_14 Datasheet
5Mb / 611P
Microcontroller with Low Power
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com