Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZA9L1 Datasheet (PDF) - Maxim Integrated Products

ZA9L1 Datasheet PDF - Maxim Integrated Products
Part # ZA9L1
Download  ZA9L1 Download
File Size   61.25 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Zatara High-Performance, Secure, 32-Bit ARM Microcontroller

ZA9L1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZA9L1 Datasheet PDF - Maxim Integrated Products

Part # ZA9L1
Download  ZA9L1 Click to download

File Size   61.25 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Zatara High-Performance, Secure, 32-Bit ARM Microcontroller

ZA9L1 Datasheet (HTML) - Maxim Integrated Products


ZA9L1 Product details

General Description

The Zatara® ZA9L1 is a highly integrated system-on-chip (SoC) microcontroller based on the ARM922T™ 32-bit/16-bit core and tailored to the specific requirements of point-of-sale (POS) terminal design and meet the strict security requirements of the Payment Card Industry (PCI) Security Standards Council 2.0 specification. Running at 200MHz, the ZA9L1 is one of the fastest high-security microcontrollers available.



Features

♦ 32-Bit ARM922T CPU Core

   8KB/8KB I/D-Caches

   MMU Supporting Linux® and Windows® Embedded CE Operating Systems

   200MHz Performance

   JTAG Embedded ICE Support

♦ 64KB Embedded Zero-Wait-State SRAM

♦ Vectored Interrupt Controller

♦ External Bus Interface

   Dual External Bus Architecture (Primary and Secondary)

   24-Bit Address, 16-Bit Data

   Synchronous Flash

   SDRAM in 16MB to 512MB Configurations

♦ Power Management Unit

   14MHz to 40MHz Oscillator and Phase-Locked

   Loop (PLL)-Generated System Clocks

   32.768kHz Oscillator for RTC

   Clock Disable on a Peripheral-by-Peripheral Basis

   Three Modes: Active, Idle, and Battery Backup

♦ Real-Time Clock

♦ Watchdog Timer (WDT)

♦ Two Dedicated SPI Interfaces

♦ USB 2.0 OTG Interface

♦ Nine Timer/Counters

♦ Three UARTs

   1 x 8-Wire Interface

   2 x 4-Wire Interface

♦ POS Security Features for PCI Compliance

   Voltage and Temperature Sensors

   Sensors for Tamper Switches and Wire Mesh

   Clock Frequency and Glitch Protection

   Battery-Backed Secure Memory with Active Zeroization

♦ Embedded Boot ROM

♦ 32-Bit Unique ID Number

♦ NIST 800-22-Compliant Random-Number Generator

♦ FIPS 180-2-Compliant SHA-1 Hash Generator

♦ Two ISO 7816 Smart Card UARTs

♦ 3-Track Magnetic Stripe Reader Interface

♦ Display Controller Interface

♦ Up to 76 General-Purpose Input/Output (GPIO) Pins

♦ 10-Bit ADC, 4-Channel, 45ksps

♦ Eight Independent DMA Channels

♦ Voltage: Dual 1.8V and 3.3V Supplies

♦ 3.3V I/O Pins with 5V Tolerant I/O for UART and SPI

♦ 256-Pin BGA (1.0mm Ball Pitch) Package



Applications

  EFTPOS

  PIN Pads

  EPP

  Healthcare Reader

  Metering



 




Similar Part No. - ZA9L1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L0xxxx+ MAXIM-ZA9L0xxxx+ Datasheet
60Kb / 2P
Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
More results


Similar Description - ZA9L1

ManufacturerPart #DatasheetDescription
logo
Winbond
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
16/32-bit ARM microcontroller
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
16/32-bit ARM microcontroller
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
Maxim Integrated Produc...
IC0400C778BF-USIP MAXIM-IC0400C778BF-USIP Datasheet
64Kb / 2P
High-Performance, Secure, 32-Bit MIPS Microcontroller Supporting Linux OS
Rev 0; 3/09
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC126 NUVOTON-NUC126 Datasheet
2Mb / 140P
ARM CORTEX짰 -M 32-BIT MICROCONTROLLER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com