Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1212 Datasheet (PDF) - Semtech Corporation

SX1212 Datasheet PDF - Semtech Corporation
Part # SX1212
Download  SX1212 Download
File Size   1756.24 Kbytes
Page   77 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Ultra-Low Power Integrated 300-510MHz Transceiver

SX1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1212 Datasheet PDF - Semtech Corporation

Part # SX1212
Download  SX1212 Click to download

File Size   1756.24 Kbytes
Page   77 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Ultra-Low Power Integrated 300-510MHz Transceiver

SX1212 Datasheet (HTML) - Semtech Corporation


SX1212 Product details

General Description

The SX1212 is a low cost single-chip transceiver operating in the frequency ranges from 300MHz to 510MHz. The SX1212 is optimized for very low power consumption (3mA in receiver mode). It incorporates a baseband modem with data rates up to 150 kb/s. Data handling features include a sixty-four byte FIFO, packet handling, automatic CRC generation and data whitening. Its highly integrated architecture allows for minimum external component count whilst maintaining design flexibility. All major RF communication parameters are programmable and most of them may be dynamically set. It complies with European (ETSI EN 300-220 V2.1.1) and North American (FCC part 15.247 and 15.249) regulatory standards.



Features

■ Low Rx power consumption: 3mA

■ Low Tx power consumption: 25 mA @ +10 dBm

■ Good reception sensitivity: down to -104 dBm at 25 kb/s in FSK, -110 dBm at 2kb/s in OOK

■ Programmable RF output power: up to +12.5 dBm in 8 steps

■ Packet handling feature with data whitening and automatic CRC generation

■ RSSI (Received Signal Strength Indicator)

■ Bit rates up to 150 kb/s, NRZ coding

■ On-chip frequency synthesizer

■ FSK and OOK modulation

■ Incoming sync word recognition

■ Built-in Bit-Synchronizer for incoming data and clock synchronization and recovery

■ 5 x 5 mm TQFN package

■ Optimized Circuit Configuration for Low-cost applications



Applications

■ Wireless alarm and security systems

■ Wireless sensor networks

■ Automated Meter Reading

■ Home and building automation

■ Industrial monitoring and control

■ Remote Wireless Control

■ Active RFID PHY



 




Similar Part No. - SX1212

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Samtec, Inc
SX1212-12SKA433 SAMTEC-SX1212-12SKA433 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
More results


Similar Description - SX1212

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507 Datasheet
681Kb / 46P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
Samtec, Inc
SX1212-12SKA433 SAMTEC-SX1212-12SKA433 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Semtech Corporation
SM1212E433 SEMTECH-SM1212E433 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507_13 Datasheet
1Mb / 47P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
Microchip Technology
MRF89XA MICROCHIP-MRF89XA Datasheet
2Mb / 140P
Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
10/10/17
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
RF64W HOPE-RF64W Datasheet
2Mb / 76P
Ultra-Low Power Integrated 300-510MHz Transceiver
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com