Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1354 Datasheet (PDF) - Allegro MicroSystems

A1354 Datasheet PDF - Allegro MicroSystems
Part # A1354
Download  A1354 Download
File Size   537.31 Kbytes
Page   22 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output

A1354 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1354 Datasheet PDF - Allegro MicroSystems

Part # A1354
Download  A1354 Click to download

File Size   537.31 Kbytes
Page   22 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output

A1354 Datasheet (HTML) - Allegro MicroSystems


A1354 Product details

Description
The A1354 device is a high precision, programmable 2-wire Hall effect linear sensor IC with a pulse width modulated (PWM) output. The duty cycle (D) of the PWM output signal is proportional to the applied magnetic field. The A1354 device converts an analog signal from its internal Hall circuit to a digitally encoded PWM output signal. The coupled noise immunity of the digitally encoded PWM output is far superior to the noise immunity of an analog output signal.

Features and Benefits
▪ Designed for automotive, battery-powered applications
▪ Customer programmable quiescent duty cycle, sensitivity, and PWM carrier frequency, through VCC pin
▪ Simultaneous programming of duty cycle, sensitivity, and PWM carrier frequency, for system optimization
▪ Factory programmed sensitivity temperature coefficient and quiescent duty cycle drift
▪ Selectable unidirectional or bidirectional quiescent duty cycles
▪ Pulse width modulated (PWM) output provides increased noise immunity compared to analog output
▪ Temperature-stable quiescent duty cycle output and sensitivity
▪ Output duty cycle clamps provide short circuit diagnostic capabilities
▪ Optional 50% duty cycle calibration test mode at device power-up
▪ Wide ambient temperature range: –40°C to 125°C
▪ Resistant to mechanical stress
▪ Extremely thin package: 1 mm case thickness




Similar Part No. - A1354

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
logo
List of Unclassifed Man...
A1354P1 ETC2-A1354P1 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
A1354P1 ETC2-A1354P1 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
A1354P2 ETC2-A1354P2 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
A1354P2 ETC2-A1354P2 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
More results


Similar Description - A1354

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL856 MICRONAS-HAL856 Datasheet
990Kb / 42P
Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
High Precision Linear Hall-Effect Sensor
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
Two-Wire High Precision Linear Hall-Effect Sensor IC
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1359 ALLEGRO-A1359_16 Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1351 ALLEGRO-A1351 Datasheet
669Kb / 24P
High Precision Linear Hall Effect Sensor IC with a Push/Pull, Pulse Width Modulated Output
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com