Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS28F128J3M Datasheet (PDF) - Austin Semiconductor

AS28F128J3M Datasheet PDF - Austin Semiconductor
Part # AS28F128J3M
Download  AS28F128J3M Download
File Size   112.74 Kbytes
Page   8 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description Plastic Encapsulated Microcircuit 128Mb, x8 and x16 Q-FLASH Memory Even Sectored, Single Bit per Cell Architecture

AS28F128J3M Datasheet (PDF)

Go To PDF Page Download Datasheet
AS28F128J3M Datasheet PDF - Austin Semiconductor

Part # AS28F128J3M
Download  AS28F128J3M Click to download

File Size   112.74 Kbytes
Page   8 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description Plastic Encapsulated Microcircuit 128Mb, x8 and x16 Q-FLASH Memory Even Sectored, Single Bit per Cell Architecture

AS28F128J3M Datasheet (HTML) - Austin Semiconductor


AS28F128J3M Product details

Plastic Encapsulated Microcircuit 128Mb, x8 and x16 Q-FLASH Memory

Even Sectored, Single Bit per Cell Architecture



General Description

ASI’s, AS28F128J3M Enhanced or Mil-Temp variant of Micron’s Q-Flash family of devices, is a nonvolatile, electrically block erasable (FLASH), programmable memory device manufactured using Micron’s 0.15um process technology. This device containing 134,217,728 bits organized as either 16,777,218 (x8) or 8,388,608 bytes (x16). The device is uniformly sectored with one hundred and twenty eight 128KB ERASE blocks.



Features

• 100% Pin and Function compatible to Intel’s MLC Family

• NOR Cell Architecture

• 2.7V to 3.6V VCC

• 2.7V to 3.6V or 5V VPEN (Programming Voltage)

• Asynchronous Page Mode Reads

• Manufacturer’s ID Code:

   ! MT28F128J3MRG Micron 0x2Ch

• Industry Standard Pin-Out

• Fully compatible TTL Input and Outputs

• Common Flash Interface [CFI]

• Scalable Command Set

• Automatic WRITE and ERASE Algorithms

• 5.6us per Byte effective programming time

• 128 bit protection register

   ! 64-bit unique device identifier

   ! 64-bit user programmable OTP cells

• Enhanced data protection feature with use of VPEN=VSS

• Security OTP block feature

• 100,000 ERASE cycles per BLOCK

• Automatic Suspend Options:

   ! Block ERASE SUSPEND-to-READ

   ! Block ERASE SUSPEND-to-PROGRAM

   ! PROGRAM SUSPEND-to-READ

• Available Operating Ranges:

   ! Enhanced [-ET] -40oC to +105oC

   ! Mil-Temperature [-XT] -55oC to +125oC



 




Similar Part No. - AS28F128J3M

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS28F128J3A MICROSS-AS28F128J3A Datasheet
1Mb / 15P
NOR Cell Architecture
More results


Similar Description - AS28F128J3M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
16M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
8M (x8/x16) Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com