Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-30ECAM Datasheet (PDF) - Austin Semiconductor

AS27C256-30ECAM Datasheet PDF - Austin Semiconductor
Part # AS27C256-30ECAM
Download  AS27C256-30ECAM Download
File Size   292.27 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K UVEPROM UV Erasable Programmable Read-Only Memory

AS27C256-30ECAM Datasheet (PDF)

Go To PDF Page Download Datasheet
AS27C256-30ECAM Datasheet PDF - Austin Semiconductor

Part # AS27C256-30ECAM
Download  AS27C256-30ECAM Click to download

File Size   292.27 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K UVEPROM UV Erasable Programmable Read-Only Memory

AS27C256-30ECAM Datasheet (HTML) - Austin Semiconductor


AS27C256-30ECAM Product details

GENERAL DESCRIPTION

The AS27C256 series is a set of 262,144 bit, ultraviolet-light erasable, electrically programmable read-only memories. These devices are fabricated using power-saving CMOS technology for high speed and simple interface with MOS and bipolar circuits. All inputs (including program data inputs) can be

driven by Series 54 TTL circuits without the use of external pullup resistors. Each output can drive one Series 54 TTL circuit without external resistors. The data outputs are 3-state for connecting multiple devices to a common bus. The AS27C256 is pin-compatible with 28-pin 256K ROMs and

EPROMs. It is offered in a 600mil dual-in-line ceramic package (J suffix) and a 450 x 550 mil ceramic LCC (ECA suffix) rated for operation from -55°C to 125°C.



FEATURES

• Organized 32,768 x 8

• Single +5V ±10% power supply

• Pin-compatible with existing 256K ROM’s and EPROM’s

• All inputs/outputs fully TTL compatible

• Power-saving CMOS technology

• Very high-speed FLASHRITE Pulse Programming

• 3-state output buffers

• 400-mV DC assured noise immunity with standard TTL loads

• Latchup immunity of 250 mA on all input and output pins

• Low power dissipation (CMOS Input Levels)

    -Active - 165mW Worst Case

    -Standby - 1.7mW Worst Case (CMOS-input levels)

* FUTURE High Speed Offerings: 55ns, 70ns, 90ns




Similar Part No. - AS27C256-30ECAM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results


Similar Description - AS27C256-30ECAM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
UV Erasable Programmable Read-Only Memory
logo
fujitsu semiconductor
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com