Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA33-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CA33-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CA33-1
Download  CA33-1 Download

File Size   1338.7 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 2 to 2400 MHz

CA33-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA33-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CA33-1
Download  CA33-1 Click to download

File Size   1338.7 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 2 to 2400 MHz

CA33-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

CA33-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA33-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

CA33-1 Product details

Description
The A33-1 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperature-stable performance, in addition to an RF Choke, used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• ULTRAWIDE BANDWIDTH: 1-2600 MHz (TYP.)
• MEDIUM OUTPUT LEVEL: +6 dBm (TYP.)




Similar Part No. - CA33-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA33-1 MACOM-CA33-1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
More results


Similar Description - CA33-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Tyco Electronics
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
   2 TO 2400 MHz CASCADABLE AMPLIFIER
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
A35-1 MACOM-A35-1 Datasheet
357Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Teledyne Technologies I...
AC2426 TELEDYNE-AC2426 Datasheet
160Kb / 2P
   10 TO 2400 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A25-1 MACOM-A25-1 Datasheet
107Kb / 1P
   2 TO 1500 MHz CASCADABLE AMPLIFIER
A25-1 MACOM-A25-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 2 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA25-1 MA-COM-SMA25-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 1500 MHz
logo
Teledyne Technologies I...
UTOUTC0515 TELEDYNE-UTOUTC0515 Datasheet
303Kb / 6P
   Thin-Film Cascadable Amplifier 2 to 500 MHz
UTOUTC2024 TELEDYNE-UTOUTC2024 Datasheet
183Kb / 6P
   Thin-Film Cascadable Amplifier 2 to 2000 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com