Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A36-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A36-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A36-1
Download  A36-1 Download
File Size   1344.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 100 to 2300 MHz

A36-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A36-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A36-1
Download  A36-1 Click to download

File Size   1344.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 100 to 2300 MHz

A36-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A36-1 Product details

Description
The A36-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
 • HIGH GAIN –TWO STAGES: 16.2 dB (TYP.)
 • LOW VSWR: < 1.6:1 (TYP.)
 • MEDIUM OUTPUT LEVEL +12 dBm (TYP.)




Similar Part No. - A36-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A36-1 MACOM-A36-1 Datasheet
113Kb / 1P
100 TO 2300 MHz CASCADABLE AMPLIFIER
A36-1 MACOM-A36-1 Datasheet
384Kb / 2P
Cascadable Amplifier 100 to 2300 MHz
logo
M/A-COM Technology Solu...
A36-1 MA-COM-A36-1 Datasheet
647Kb / 3P
Cascadable Amplifier
A36-1-SMA36-1 MA-COM-A36-1-SMA36-1 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A36-1 MACOM-A36-1_1 Datasheet
384Kb / 2P
Cascadable Amplifier 100 to 2300 MHz
More results


Similar Description - A36-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A36-1 MACOM-A36-1 Datasheet
113Kb / 1P
100 TO 2300 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36-1 MACOM-A36-1_1 Datasheet
384Kb / 2P
Cascadable Amplifier 100 to 2300 MHz
logo
Teledyne Technologies I...
AC2356 TELEDYNE-AC2356 Datasheet
130Kb / 1P
1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2366 TELEDYNE-AC2366 Datasheet
176Kb / 2P
10 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2386 TELEDYNE-AC2386 Datasheet
131Kb / 1P
1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC2302 TELEDYNE-UTOUTC2302 Datasheet
179Kb / 6P
Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2303 TELEDYNE-UTOUTC2303 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2311 TELEDYNE-UTOUTC2311 Datasheet
179Kb / 6P
Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2321 TELEDYNE-UTOUTC2321 Datasheet
179Kb / 6P
Thin-Film Cascadable Amplifier 1700 to 2300 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com