Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1015A Datasheet (PDF) - Toshiba Semiconductor

B1015A Datasheet PDF - Toshiba Semiconductor
Part # B1015A
Download  B1015A Download
File Size   148.63 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)

B1015A Datasheet (PDF)

Go To PDF Page Download Datasheet
B1015A Datasheet PDF - Toshiba Semiconductor

Part # B1015A
Download  B1015A Click to download

File Size   148.63 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)

B1015A Datasheet (HTML) - Toshiba Semiconductor


B1015A Product details

Audio Frequency Power Amplifier Applications

• Low collector saturation voltage: VCE (sat)= −1.7 V (max)
                                                       (IC= −3 A, IB= −0.3 A)
• Collector power dissipation: PC= 25 W (Tc = 25°C)




Similar Part No. - B1015A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B1015AS-100M TOKO-B1015AS-100M Datasheet
151Kb / 2P
Fixed Inductors for Surface Mounting
B1015AS-1R0N TOKO-B1015AS-1R0N Datasheet
151Kb / 2P
Fixed Inductors for Surface Mounting
B1015AS-1R5N TOKO-B1015AS-1R5N Datasheet
151Kb / 2P
Fixed Inductors for Surface Mounting
B1015AS-2R2N TOKO-B1015AS-2R2N Datasheet
151Kb / 2P
Fixed Inductors for Surface Mounting
B1015AS-3R0N TOKO-B1015AS-3R0N Datasheet
151Kb / 2P
Fixed Inductors for Surface Mounting
More results


Similar Description - B1015A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015L TOSHIBA-2SA1015L Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1049 TOSHIBA-2SA1049 Datasheet
139Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1145 TOSHIBA-2SA1145 Datasheet
144Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
01-Sep-1997
2SA1203 TOSHIBA-2SA1203 Datasheet
156Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1204 TOSHIBA-2SA1204 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1358 TOSHIBA-2SA1358 Datasheet
155Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
01-Sep-1997
2SA1620 TOSHIBA-2SA1620 Datasheet
136Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
10-Apr-1997
2SB1642 TOSHIBA-2SB1642 Datasheet
145Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
21-Jul-1998
2SB1667 TOSHIBA-2SB1667 Datasheet
123Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
30-Sep-1999
2SB906 TOSHIBA-2SB906 Datasheet
150Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
16-Jun-1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com