Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1495 Datasheet (PDF) - Toshiba Semiconductor

2SB1495 Datasheet PDF - Toshiba Semiconductor
Part # 2SB1495
Download  2SB1495 Download
File Size   158.11 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH POWER SWITCHING APPLICATIONS)

2SB1495 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1495 Datasheet PDF - Toshiba Semiconductor

Part # 2SB1495
Download  2SB1495 Click to download

File Size   158.11 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH POWER SWITCHING APPLICATIONS)

2SB1495 Datasheet (HTML) - Toshiba Semiconductor


2SB1495 Product details

High-Power Switching Applications

• High DC current gain: hFE = 2000 (min) (VCE = −2 V, IC = −2 A)
• Low saturation voltage: VCE (sat) = −1.5 V (max) (IC = −1.5 A)
• Complementary to 2SD2257




Similar Part No. - 2SB1495

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1495 TOSHIBA-2SB1495 Datasheet
137Kb / 4P
Silicon PNP Epitaxial Type
logo
Savantic, Inc.
2SB1495 SAVANTIC-2SB1495 Datasheet
213Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
2SB1495 SAVANTIC-2SB1495 Datasheet
214Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB1495

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1296 TOSHIBA-2SA1296 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1382 TOSHIBA-2SA1382 Datasheet
208Kb / 3P
TRANSISTOR (POWER AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS
2SA1428 TOSHIBA-2SA1428 Datasheet
196Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1680 TOSHIBA-2SA1680 Datasheet
165Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1734 TOSHIBA-2SA1734 Datasheet
195Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1736 TOSHIBA-2SA1736 Datasheet
195Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SB1018A TOSHIBA-2SB1018A Datasheet
199Kb / 4P
TRANSISTOR (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
High Power Switching Applications Fast Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com