Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH0810-15 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PH0810-15 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PH0810-15
Download  PH0810-15 Download
File Size   92.65 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Power Transistor 15W, 850-960MHz, 26V

PH0810-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH0810-15 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PH0810-15
Download  PH0810-15 Click to download

File Size   92.65 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Power Transistor 15W, 850-960MHz, 26V

PH0810-15 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PH0810-15 Product details

Features
• Designed for linear amplifier applications
• Class AB: -30 dBc typ. 3rd IMD at 15 W PEP
• Common emitter configuration
• Internal input impedance matching
• Diffused emitter ballasting




Similar Part No. - PH0810-15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
More results


Similar Description - PH0810-15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
PH1819-15N MACOM-PH1819-15N Datasheet
229Kb / 3P
Wireless Bipolar Power Transistor, 15W . 1.78 - 1.90 GHz
logo
List of Unclassifed Man...
PH0810-35 ETC1-PH0810-35 Datasheet
180Kb / 3P
Wireless bipolar power transistor, 35W 850-960MHz
logo
Tyco Electronics
MAPL-000817-015C00 MACOM-MAPL-000817-015C00 Datasheet
246Kb / 8P
RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
MAPL-000817-015CPC-072706 MACOM-MAPL-000817-015CPC-072706 Datasheet
199Kb / 5P
RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
logo
M/A-COM Technology Solu...
PH0810-35 MA-COM-PH0810-35 Datasheet
213Kb / 3P
Wireless Bipolar Power Transistor 35W, 850-960MHz, 24V
PH0814-40 MA-COM-PH0814-40 Datasheet
141Kb / 1P
Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V
PH1819-15N MA-COM-PH1819-15N Datasheet
190Kb / 3P
Wireless Bipolar Power Transistor 15W, 1.78-1.90 GHz
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com