Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB907 Datasheet (PDF) - Toshiba Semiconductor

2SB907 Datasheet PDF - Toshiba Semiconductor
Part # 2SB907
Download  2SB907 Download
File Size   173.44 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (SWITCHING, HANNER DRIVE, PULSE MOTOR DRIVE, POWER AMPLIFIER APPLICATIONS)

2SB907 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB907 Datasheet PDF - Toshiba Semiconductor

Part # 2SB907
Download  2SB907 Click to download

File Size   173.44 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (SWITCHING, HANNER DRIVE, PULSE MOTOR DRIVE, POWER AMPLIFIER APPLICATIONS)

2SB907 Datasheet (HTML) - Toshiba Semiconductor


2SB907 Product details

Switching Applications
Hammer Drive, Pulse Motor Drive Applications
Power Amplifier Applications

• High DC current gain: hFE (1) = 2000 (min) (VCE = −2 V, IC = −1 A)
• Low saturation voltage: VCE (sat) = −1.5 V (max) (IC = −2 A)
• Complementary to 2SD1222.




Similar Part No. - 2SB907

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB907 TOSHIBA-2SB907 Datasheet
165Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907 Datasheet
169Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SB907 ISC-2SB907 Datasheet
297Kb / 2P
Silicon PNP Power Transistor
2SB907 ISC-2SB907 Datasheet
279Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SB907

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1020A TOSHIBA-2SB1020A Datasheet
204Kb / 4P
TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SB1381 TOSHIBA-2SB1381 Datasheet
207Kb / 4P
TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SB908 TOSHIBA-2SB908 Datasheet
173Kb / 4P
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE, POWER AMPLIFIER APPLICATIONS)
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com