Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-273-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT-273-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT-273-PIN
Download  AT-273-PIN Download
File Size   106.6 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz

AT-273-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-273-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT-273-PIN
Download  AT-273-PIN Click to download

File Size   106.6 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz

AT-273-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT-273-PIN Product details

Description
M/A-COMs AT-273-PIN is a GaAs FET digital attenuator with a 16.0 dB minimum step size and a 32 dB total attenuation range. This attenuator and integral TTL driver is in a hermetically sealed ceramic 16-lead surface mount package. The AT-273-PIN is ideally suited for use where accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/leveling control circuits. Environmental screening is available. Contact the factory for information.

Features
• Attenuation: 16.0 dB Steps to 32 dB
• Low DC Power Consumption
• Hermetic Surface Mount Package
• Integral TTL Driver
• 50 ohm Impedance
• Temperature Stability: ±0.18 dB from -55°C to +85°C Typ.
• Tape and Reel Packaging Available
• Lead-Free CR-11 Package
• 260°C Reflow Compatible
• RoHS* Compliant




Similar Part No. - AT-273-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
Digital Attenuator
AT-273-PIN MA-COM-AT-273-PIN_15 Datasheet
591Kb / 5P
Digital Attenuator
More results


Similar Description - AT-273-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-273 MACOM-AT-273 Datasheet
205Kb / 2P
Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0263 MA-COM-AT65-0263 Datasheet
139Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-008789-000100 MA-COM-MAAD-008789-000100 Datasheet
168Kb / 6P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com