Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A77 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A77 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A77
Download  A77 Download
File Size   1277.88 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

A77 Datasheet (PDF)

Go To PDF Page Download Datasheet
A77 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A77
Download  A77 Click to download

File Size   1277.88 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

A77 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A77 Product details

Description
The A77 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. The single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• High Gain: 16.5 dB (typ.)
• High Level Output: +16.5 dBm (typ.)
• High Third Order OIP3: +30 dBm (typ.)
• Low VSWR: 1.3:1 (typ.)




Similar Part No. - A77

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A77 MACOM-A77 Datasheet
112Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A77 MACOM-A77 Datasheet
401Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A77 MA-COM-A77 Datasheet
613Kb / 4P
Cascadable Amplifier
logo
Systemsensor advanced i...
A77-01-02 SYSTEMSENSOR-A77-01-02 Datasheet
480Kb / 2P
Waterflow Detector
A77-01-02 SYSTEMSENSOR-A77-01-02 Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
More results


Similar Description - A77

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com