Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1084 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA1084 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA1084
Download  SA1084 Download
File Size   451.15 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5A LDO VOLTAGE REGULATOR

SA1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1084 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA1084
Download  SA1084 Click to download

File Size   451.15 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5A LDO VOLTAGE REGULATOR

SA1084 Datasheet (HTML) - Silan Microelectronics Joint-stock


SA1084 Product details

DESCRIPTION
The SA1084 is a positive low voltage dropout regulator, and the voltage dropout is 1.5V at 5A.
SA1084 provides two versions: fixed and adjustable versions. VOUT of fixed version has a tolerance of less than 1% for five kinds of output voltages 1.5V, 1.8V, 2.5V, 3.3V, and 5.0V.
The SA1084 offers some key features include thermal shutdown and current limiting .The SA1084 is an excellent choice for use in various electronic equipments.

FEATURES
* 1% accuary in fixed version 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and adjustable version
* Low Dropout Voltage: 1.5V at 5A output current
* Current Limiting: 6.5A
* Thermal Shutdown
* Line Regulation(Adj Version: Typical): 0.015%
* Load Regulation ( Adj Version: Typical): 0.1%
* Temperature Range: 0 to 125°C

APPLICATIONS
* High Efficiency Linear Regulators
* Post Regulators for Switching Supplies
* Battery Charger
* Microprocessor Supply
* Desktop PCs, RISC and Embedded Processors Supply




Similar Part No. - SA1084

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1088 SILAN-SA1088 Datasheet
377Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
More results


Similar Description - SA1084

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
logo
List of Unclassifed Man...
L1084 ETC-L1084 Datasheet
232Kb / 8P
5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
5A LDO VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
5A LDO regulator circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com