Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1412 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA1412 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA1412
Download  SA1412 Download
File Size   132.9 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description TWO CELL LI BATTERY PROTECTION CIRCUIT

SA1412 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1412 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA1412
Download  SA1412 Click to download

File Size   132.9 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description TWO CELL LI BATTERY PROTECTION CIRCUIT

SA1412 Datasheet (HTML) - Silan Microelectronics Joint-stock


SA1412 Product details

DESCRIPTIONS

SA1412  protects  for  Lithium-Ion  Batteries.  When  the  Lithium-Ion Batteries is in state of overcharge, overdischarge and overcurrent. The IC turns off the external mosfet to protect the batteries.



FEATURES

* Overcharge consumption current(VCELL=4.5V ROC=270Kȍ): 150mA

* Normal consumption current(VCELL=3.5V): 18mA

* Overcharge consumption current(VCELL=1.9V): 0.5mA

  Overcharge consumption current(VCELL=1.0V): 0.1mA



APPLICATIONS

* Digital camer

* Digital vidicon

* Special illumination

* Portable DVD

* PDA

* Interphone

* 7.2V large capacity battery.




Similar Part No. - SA1412

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA141(C)-G COMCHIP-SA141(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA141A(CA)-G COMCHIP-SA141A(CA)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA141A-HF COMCHIP-SA141A-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
SA141ACA-HF COMCHIP-SA141ACA-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
More results


Similar Description - SA1412

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8821 SILAN-SC8821 Datasheet
690Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT
SC8261G SILAN-SC8261G Datasheet
402Kb / 9P
LI BATTERY PROTECTION CIRCUIT
SC121 SILAN-SC121 Datasheet
621Kb / 9P
LI BATTERY PROTECTION CIRCUIT
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
One-cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5470 HMSEMI-HM5470 Datasheet
405Kb / 9P
High precision two-cell lithium battery protection circuit
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
Single-cell Li-ion/Li-polymer battery protection IC
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com