Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1469TN Datasheet (PDF) - Silan Microelectronics Joint-stock

SA1469TN Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA1469TN
Download  SA1469TN Download
File Size   665.77 Kbytes
Page   11 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE

SA1469TN Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1469TN Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA1469TN
Download  SA1469TN Click to download

File Size   665.77 Kbytes
Page   11 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE

SA1469TN Datasheet (HTML) - Silan Microelectronics Joint-stock


SA1469TN Product details

DESCRIPTION
The SA1469TN, an IC for CD players, has a 4-channel BTL driver, 3.3V regulator (attached PNP transistor required), standard operational amplifier, and internal reset output linked to an internal thermal shutdown circuit. The driver has gain adjustment input pins for each channel, allowing gain to be set to the desired value. Also, the internal level shift circuit helps reduce the number of attached components.

FEATURES
* 1-phase, full-wave, linear DC motor driver.
* Gain is adjustable with an attached resistor.
* Internal standard operational amplifier.
* Internal 3.3V regulator. (required attached PNP transistor)
* Internal thermal shutdown circuit with hysteresis capabilities.
* When voltage of PIN23<0.7V(typ.),the driver will be muted.




Similar Part No. - SA1469TN

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
More results


Similar Description - SA1469TN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
4-channel BTL driver for CD player and CD-ROM drives
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
4-ch BTL Motor Driver for CD Players
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
4-ch Motor Driver for CD/VCD Player
logo
Silan Microelectronics ...
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
SA9259 SILAN-SA9259 Datasheet
216Kb / 10P
5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
For CD Player 4-channel Bridge (BTL) Driver
logo
Rohm
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
4ch BTL driver for CD player
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
4ch BTL driver for CD player
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com