Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1510 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA1510 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA1510
Download  SA1510 Download
File Size   56.74 Kbytes
Page   3 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description DC MOTOR DRIVER

SA1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1510 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA1510
Download  SA1510 Click to download

File Size   56.74 Kbytes
Page   3 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description DC MOTOR DRIVER

SA1510 Datasheet (HTML) - Silan Microelectronics Joint-stock


SA1510 Product details

DESCRIPTION

SA1510 is a monolithic integrated circuit designed for the rotating speed control and DC motor driver. SA1510 adopts bridge driver circuit which have  two  output  port,  used  for  drive  positive  and  inverse  direction  of motor, the peak value of the drive current is 1.25A.



FEATURES

* Operating voltage range: 5V~12V;

* Integrated control and drive

* Output peak value current of 1.25A(duration 30 seconds)

* Output regulation current is 700mA; it can be running under 1.0A if heat sinking can be solved.

* Meet the standard CMOS output.

* Built-in protection diode, suitable for sensibility load.



APPLICATIONS

* Applied in car model, plane model and small size model.

* Operating temperature: -20~+85°C




Similar Part No. - SA1510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA1510 ETC1-SA1510 Datasheet
31Kb / 1P
15.1 XGA TFT Active Screen Pentium 4 to 3.06GHz 8X DVD 5USB 2.0
More results


Similar Description - SA1510

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7247AP TOSHIBA-TA7247AP Datasheet
410Kb / 12P
DC MOTOR DRIVER
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
DC MOTOR DRIVER IC
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
DC MOTOR DRIVER IC
TA7745P TOSHIBA-TA7745P Datasheet
264Kb / 8P
DC MOTOR DRIVER
TA8083F TOSHIBA-TA8083F Datasheet
382Kb / 9P
DUAL DC MOTOR DRIVER
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
DC Fan Motor Driver
logo
Toshiba Semiconductor
TA7248P TOSHIBA-TA7248P Datasheet
185Kb / 4P
DC MOTOR DRIVER
logo
Texas Instruments
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
DC MOTOR DRIVER IC
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com