Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC7692 Datasheet (PDF) - Fairchild Semiconductor

FDMC7692 Datasheet PDF - Fairchild Semiconductor
Part # FDMC7692
Download  FDMC7692 Download
File Size   261.81 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power Trench짰 MOSFET 30 V, 13.3 A, 8.5 m

FDMC7692 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMC7692 Datasheet PDF - Fairchild Semiconductor

Part # FDMC7692
Download  FDMC7692 Click to download

File Size   261.81 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power Trench짰 MOSFET 30 V, 13.3 A, 8.5 m

FDMC7692 Datasheet (HTML) - Fairchild Semiconductor




Similar Part No. - FDMC7692

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7692 FAIRCHILD-FDMC7692 Datasheet
215Kb / 7P
N-Channel Power Trench짰 MOSFET
FDMC7692S FAIRCHILD-FDMC7692S Datasheet
218Kb / 8P
N-Channel Power Trench짰 SyncFETTM
logo
ON Semiconductor
FDMC7692S ONSEMI-FDMC7692S Datasheet
422Kb / 10P
MOSFET – N-Channel, POWERTRENCH, SyncFET 30 V, 18 A, 9.3 m
November, 2025 - Rev. 5
logo
Fairchild Semiconductor
FDMC7692 FAIRCHILD-FDMC7692_10 Datasheet
215Kb / 7P
N-Channel Power Trench짰 MOSFET
More results


Similar Description - FDMC7692

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8651 FAIRCHILD-FDMC8651 Datasheet
300Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 20 A, 6.1 m廓
FDMC7672 FAIRCHILD-FDMC7672 Datasheet
215Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 16.9 A, 5.7 m
FDMC7680 FAIRCHILD-FDMC7680 Datasheet
213Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 14.8 A, 7.2 m
FDMC8882 FAIRCHILD-FDMC8882 Datasheet
223Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 16 A, 14.3 m
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDC8886 FAIRCHILD-FDC8886 Datasheet
267Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDMA8878 FAIRCHILD-FDMA8878 Datasheet
258Kb / 6P
Single N-Channel Power Trench짰 MOSFET 30 V, 9.0 A, 16 m廓
FDMA8884 FAIRCHILD-FDMA8884 Datasheet
250Kb / 6P
Single N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDMC8884 FAIRCHILD-FDMC8884_12 Datasheet
358Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 15 A, 19 m廓
FDMS7678 FAIRCHILD-FDMS7678 Datasheet
295Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 26 A, 5.5 m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com