Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2111 Datasheet (PDF) - Transcom, Inc.

TC2111 Datasheet PDF - Transcom, Inc.
Part # TC2111
Download  TC2111 Download
File Size   162.44 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Plastic Packaged Low Noise PHEMT GaAs FETs

TC2111 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2111 Datasheet PDF - Transcom, Inc.

Part # TC2111
Download  TC2111 Click to download

File Size   162.44 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Plastic Packaged Low Noise PHEMT GaAs FETs

TC2111 Datasheet (HTML) - Transcom, Inc.


TC2111 Product details

DESCRIPTION
The TC2111 is a high performance field effect transistor housed in a plastic package with TC1101 PHEMT Chip. Its low noise figure makes this device suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure consistent quality.

FEATURES
• 1.5 dB Typical Noise Figure at 12 GHz
• High Associated Gain: Ga = 7 dB Typical at 12 GHz
• 18.5 dBm Typical Power at 12 GHz
• 8 dB Typical Linear Power Gain at 12 GHz
• Lg = 0.25 µm, Wg = 160 µm
• Tight Vp ranges control
• High RF input power handling capability
• 100 % DC Tested
• Low Cost Plastic SOT143 Package




Similar Part No. - TC2111

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC2111D-290M PRODUCTWELL-TC2111D-290M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC2111D-350M PRODUCTWELL-TC2111D-350M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC2111D-471M PRODUCTWELL-TC2111D-471M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results


Similar Description - TC2111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com